Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0045 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0045
Description  High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0045 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0045 Datasheet HTML 1Page - Tyco Electronics MAAMSS0045 Datasheet HTML 2Page - Tyco Electronics MAAMSS0045 Datasheet HTML 3Page - Tyco Electronics MAAMSS0045 Datasheet HTML 4Page - Tyco Electronics MAAMSS0045 Datasheet HTML 5Page - Tyco Electronics MAAMSS0045 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
MAAMSS0045
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Absolute Maximum Ratings 2,3
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current4
80 mA
Channel Temperature5
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
4. When pin #2 is used to increase current. (See note 7.)
5. Thermal resistance (
θjc) = +99°C/W.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to
electrostatic discharge (ESD) and can be damaged by
static electricity. Proper ESD control techniques should
be used when handling these devices.
Electrical Specifications: TA = +25°C, Z0 = 50 Ohms, F = 1785 MHz, Pin = -30 dBm
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
5 V, 45 mA1
dB
12.0
14
—
3 V, 20 mA
dB
—
12.5
—
Noise Figure
5 V, 45 mA1
dB
—
1.4
1.8
3 V, 20 mA
dB
—
1.5
—
Input VSWR
—
Ratio
—
1.5:1
—
Output VSWR
—
Ratio
—
2.0:1
—
Output 1 dB Compression
5 V, 45 mA1
dBm
—
16.0
—
3 V, 20 mA
dBm
—
9.0
—
5 V, 45 mA1
dBm
13.0
15
—
3 V, 20 mA
dBm
—
8.0
—
Reverse Isolation
—
dB
—
22
—
Drain Current
5 V, 45 mA1
mA
30
45
60
Input IP3
1. Using external 15 Ω resistor. See functional schematic on page 3.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com