Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0045 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAMSS0045
Description  High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0045 Datasheet(HTML) 4 Page - Tyco Electronics

  MAAMSS0045 Datasheet HTML 1Page - Tyco Electronics MAAMSS0045 Datasheet HTML 2Page - Tyco Electronics MAAMSS0045 Datasheet HTML 3Page - Tyco Electronics MAAMSS0045 Datasheet HTML 4Page - Tyco Electronics MAAMSS0045 Datasheet HTML 5Page - Tyco Electronics MAAMSS0045 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
MAAMSS0045
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
4
RoHS
Compliant
Cross Section View
RF Traces & Components
RF Ground
DC Routing
Customer Defined
The PCB dielectric between RF traces and RF ground layers should be
chosen to reduce RF discontinuities between 50
Ω lines and package
pins. M/A-COM recommends an FR-4 dielectric thickness of .008” (0.20
mm) yielding a 50 Ω line width of 0.015” (0.38 mm). The recommended
RF metalization is 1 ounce copper.
The MAAMSS0045SMB Designer’s Kit allows for immediate evaluation of M/A-COM’s MAAMSS0045. The
Designer’s Kit includes an MAAMSS0045 mounted on an evaulation board and five loose MAAMSS0045’s. The
evaluation board consists of the recommended external surface mount circuitry, RF connectors, and a DC
multi-pin connector, all mounted to a multi-layer FR-4 PCB.
The MAAMSS0045SMB evaluation PCB is
illustrated below with all functional ports labeled.
Designer’s Kit MAAMSS0045SMB
Evaluation PCB & RF Connector Losses
Port Reference
Approximate RF Loss
RF In
0.15 dB @ 1785 MHz
RF Out
0.15 dB @ 1785 MHz
The DC connector on the Designer’s Kit PCB allows convenient
DC line access. This is accomplished by the one or more of the
following methods.
1.
A mating female multi-pin connector (Newark Electronics
Stock # 46F-4658, not included).
2.
Wires soldered to the necessary pins (not included).
3.
Clip leads (not included).
MAAMSS0045 Evaluation Board
Recommended PCB Configuration
Layout View



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com