Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL205AT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL205AT
Description  Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL205AT Datasheet(HTML) 1 Page - Vishay Siliconix

  IL205AT Datasheet HTML 1Page - Vishay Siliconix IL205AT Datasheet HTML 2Page - Vishay Siliconix IL205AT Datasheet HTML 3Page - Vishay Siliconix IL205AT Datasheet HTML 4Page - Vishay Siliconix IL205AT Datasheet HTML 5Page - Vishay Siliconix IL205AT Datasheet HTML 6Page - Vishay Siliconix IL205AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IL205AT/ 206AT/ 207AT/ 208AT
Document Number 83614
Rev. 1.6, 18-Apr-05
Vishay Semiconductors
www.vishay.com
1
i179002
1
2
3
4
A
K
NC
NC
8
7
6
5
NC
B
C
E
Optocoupler, Phototransistor Output, With Base Connection in
SOIC-8 package
Features
• High BVCEO, 70 V
• Isolation Test Voltage, 3000 VRMS
• Industry Standard SOIC-8A Surface
Mountable Package
• Compatible with Dual Wave, Vapor
Phase and IR Reflow Soldering
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code Y
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1
Description
The IL205AT/ IL206AT/ IL207AT/ IL208AT are opti-
cally coupled pairs with a Gallium Arsenide infrared
LED and a silicon NPN phototransistor. Signal infor-
mation, including a DC level, can be transmitted by
the device while maintaining a high degree of electri-
cal isolation between input and output. This family
comes in a standard SOIC-8A small outline package
for surface mounting which makes them ideally suited
for high density application with limited space. In addi-
tion to eliminating through-hole requirements, this
package conforms to standards for surface mounted
devices.
A specified minimum and maximum CTR allows a
narrow tolerance in the electrical design of the adja-
cent circuits. The high BVCEO of 70 V gives a higher
safety margin compared to the industry standard
30 V.
Order Information
Available on Tape and Reel only.
For additional information on the available options refer to
Option Information.
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Part
Remarks
IL205AT
CTR 40 - 80 %, SOIC-8
IL206AT
CTR 63 - 125 %, SOIC-8
IL207AT
CTR 100 - 200 %, SOIC-8
IL208AT
CTR 160 - 320 %, SOIC-8
Parameter
Test condition
Symbol
Value
Unit
Peak reverse voltage
VR
6.0
V
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
90
mW
Derate linearly from 25 °C
1.2
mW/°C
e3


Similar Part No. - IL205AT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL205AT SIEMENS-IL205AT Datasheet
87Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results

Similar Description - IL205AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL1207AT VISHAY-IL1207AT Datasheet
148Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
08-May-08
VO205AT VISHAY-VO205AT Datasheet
112Kb / 6P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
22-Nov-12
VO211AT VISHAY-VO211AT Datasheet
115Kb / 8P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
02-Dec-08
IL1205AT VISHAY-IL1205AT Datasheet
146Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package, 110 °C Rated
08-May-08
IL211AT VISHAY-IL211AT_10 Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
IL1208AT VISHAY-IL1208AT_V01 Datasheet
152Kb / 8P
Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 Package, 110 °C Rated
23-Nov-2020
IL213AT VISHAY-IL213AT_V01 Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
VO208AT VISHAY-VO208AT_V01 Datasheet
114Kb / 6P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
22-Nov-12
IL211AT VISHAY-IL211AT_V02 Datasheet
138Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
21-Dec-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com