Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL205AT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL205AT
Description  Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL205AT Datasheet(HTML) 4 Page - Vishay Siliconix

  IL205AT Datasheet HTML 1Page - Vishay Siliconix IL205AT Datasheet HTML 2Page - Vishay Siliconix IL205AT Datasheet HTML 3Page - Vishay Siliconix IL205AT Datasheet HTML 4Page - Vishay Siliconix IL205AT Datasheet HTML 5Page - Vishay Siliconix IL205AT Datasheet HTML 6Page - Vishay Siliconix IL205AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 83614
Rev. 1.6, 18-Apr-05
IL205AT/ 206AT/ 207AT/ 208AT
Vishay Semiconductors
Figure 5. Normalized Collector-Base Photocurrent vs. LED
Current
Figure 6. Collector-Emitter Photocurrent vs. LED Current
Figure 7. Collector-Emitter Photocurrent vs. LED Current
i205at_05
.1
1
10
100
IF - LED Current - mA
Normalized to:
VCB=9.3 V
IF=10 mA
10
1
.1
.01
i205at_06
IF - LED Current - mA
VCB=9.3 V
1000
100
10
1
.1
.1
1
10
100
i205at_07
TA - Ambient Temperature - °C
105
104
103
102
101
100
10-1
10-2
-20
0
20
40
60
80
100
VCE=10 V
Typical
Figure 8. Base Current vs. IF and HFE
Figure 9. Typical Switching Characteristics vs. Base Resistance
(Saturated Operation)
i205at_08
.1
10
100
1000
IB - Base Current - µA
ˇ
VCE=0.4 V
2.0
1.5
1.0
0.5
0.0
50°C
25°C
25°C
Normalized to:
IB=20 µA
VCE=10 V
i205at_09
100
50
10
5
1.0
Input:
=10m
Pulse width=100 mS
Duty cycle=50%
Base-emitter resistance, RBE (Ω)
TOFF
TON
10K
50K
100K
500K
1M
IF
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com