Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL205AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL205AT
Description  Optocoupler, Phototransistor Output, With Base Connection in SOIC-8 package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL205AT Datasheet(HTML) 2 Page - Vishay Siliconix

  IL205AT Datasheet HTML 1Page - Vishay Siliconix IL205AT Datasheet HTML 2Page - Vishay Siliconix IL205AT Datasheet HTML 3Page - Vishay Siliconix IL205AT Datasheet HTML 4Page - Vishay Siliconix IL205AT Datasheet HTML 5Page - Vishay Siliconix IL205AT Datasheet HTML 6Page - Vishay Siliconix IL205AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83614
Rev. 1.6, 18-Apr-05
IL205AT/ 206AT/ 207AT/ 208AT
Vishay Semiconductors
Output
Coupler
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Collector-emitter breakdown voltage
BVCEO
70
V
Emitter-collector breakdown voltage
BVECO
7.0
V
Collector-base breakdown voltage
BVCBO
70
V
ICMAX DC
ICMAX DC
50
mA
ICMAX
t < 1.0 ms
ICMAX
100
mA
Power dissipation
Pdiss
150
mW
Derate linearly from 25 °C
2.0
mW/°C
Parameter
Test condition
Symbol
Value
Unit
Total package dissipation (LED + detector)
Ptot
240
mW
Derate linearly from 25 °C
3.3
mW/°C
Operating temperature
Tamb
- 55 to + 100
°C
Storage temperature
Tstg
- 55 to + 150
°C
Soldering time
at 260 °C
10
s
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 10 mA
VF
1.3
1.5
V
Reverse current
VR = 6.0 V
IR
0.1
100
µA
Capacitance
VR = 0 V
CO
13
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter breakdown
voltage
IC = 100 µABVCEO
70
V
Emitter-collector breakdown
voltage
IE = 100 µABVECO
7.0
10
V
Collector-emitter leakage
current
VCE = 10 V
ICEO
5.0
50
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Saturation voltage, collector-
emitter
IC = 2.0 mA, IF = 10 mA
VCEsat
0.4
V
Isolation test voltage
VISO
3000
VRMS
Equivalent DC, isolation voltage
3535
VDC
Capacitance (input-output)
CIO
0.5
pF
Resistance, input to output
RIO
100
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com