Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRSZ Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRSZ
Description  Miniature Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSZ Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRSZ Datasheet HTML 1Page - NIC-Components Corp. NRSZ Datasheet HTML 2Page - NIC-Components Corp. NRSZ Datasheet HTML 3Page - NIC-Components Corp. NRSZ Datasheet HTML 4Page - NIC-Components Corp. NRSZ Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
86
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
87
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
Miniature Aluminum Electrolytic Capacitors
NRSZ Series
LEAD SPACING AND DIAMETER (mm)
F ± 0.5
d
φ ± 0.05
Insulation Sleeve
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
W.V.
(Vdc)
Cap.
(
µF)
Code
Case Size
D
φ x L(mm)
Lead
Space
(mm)
Max.
Tan
δ
Max. LC
(
µA)
Max. Impedance
Max. Ripple Current at
100KHz/105°C
(mA rms)
100KHz/20°C 100KHz/-10°C
6.3
100
101
5x11
2.0
0.22
6.3
0.90
1.8
100
220
221
6.3x11
2.5
0.22
13.9
0.30
0.60
280
330
331
6.3x11
2.5
0.22
20.8
0.22
0.44
300
8x11.5
3.5
0.22
20.8
0.19
0.38
410
470
471
8x11.5
3.5
0.22
296
0.11
0.22
560
680
681
8x15
3.5
0.22
42.8
0.985
0.17
730
820
821
10x12.5
5.0
0.22
51.7
0.085
0.17
800
1000
102
8x20
3.5
0.22
63.0
0.069
0.14
800
1200
122
10x16
5.0
0.22
75.6
0.062
0.13
1050
1500
152
10x20
5.0
0.23
94.5
0.044
0.088
1250
2200
222
12.5x20
5.0
0.24
138
0.048
0.096
1400
2700
272
12.5x20
5.0
0.25
170
0.038
0.076
1600
3900
392
12.5x25
5.0
0.28
245
0.029
0.058
1800
4700
472
12.5x25
5.0
0.29
296
0.029
0.058
1800
5600
562
16x25
7.5
0.31
353
0.022
0.044
2100
12000
123
18x35.5
7.5
0.44
756
0.018
0.036
2800
10
68
680
5x11
2.0
0.19
6.8
0.90
1.8
160
82
820
5x11
2.0
0.19
8.2
0.65
1.3
175
100
101
5x11
2.0
0.19
10.0
0.42
0.84
190
150
151
6.3x11
2.5
0.19
150.0
0.31
0.62
280
180
181
6.3x11
2.5
0.19
18.0
0.31
0.62
280
220
221
6.3x11
2.5
0.19
22.0
0.22
0.44
300
330
331
8x11.5
3.5
0.19
33.0
0.11
0.28
560
470
471
8x15
3.5
0.19
47.0
0.085
0.17
610
10x12.5
5.0
0.19
47.0
0.12
0.24
730
560
561
10x16
5.0
0.19
56.0
0.095
0.19
735
680
681
8x20
3.5
0.19
68.0
0.069
0.14
800
10x12.5
5.0
0.19
68.0
0.085
0.17
800
1000
102
10x20
5.0
0.19
100
0.050
0.10
1200
1200
122
10x20
5.0
0.19
120
0.044
0.088
1250
1500
152
10x22
5.0
0.20
150
0.039
0.078
1450
2200
222
12.5x20
5.0
0.22
220
0.038
0.076
1400
12.5x25
5.0
0.22
220
0.037
0.074
1700
2700
272
12.5x25
5.0
0.22
270
0.029
0.058
1800
3300
332
12.5x25
5.0
0.23
330
0.035
0.070
1700
3900
392
16x25
7.5
0.25
390
0.028
0.056
2070
4700
472
16x31.5
7.5
0.26
470
0.024
0.048
2350
5600
562
16x31.5
7.5
0.18
560
0.024
0.048
2350
6800
682
16x35.5
7.5
0.30
680
0.022
0.044
2550
8200
822
18x35.5
7.5
0.33
820
0.020
0.040
2800
Case Dia. (D
φ)
5
6.3
8
10
12.5
16
18
Lead Dia. (d
φ)
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead Spacing (F)
2.0
2.5
3.5
5.0
5.0
7.5
7.5
Dim.
α
0.5
Dim.
β
1.0
2.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com