Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRSZ Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRSZ
Description  Miniature Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSZ Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRSZ Datasheet HTML 1Page - NIC-Components Corp. NRSZ Datasheet HTML 2Page - NIC-Components Corp. NRSZ Datasheet HTML 3Page - NIC-Components Corp. NRSZ Datasheet HTML 4Page - NIC-Components Corp. NRSZ Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
88
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
89
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS
Miniature Aluminum Electrolytic Capacitors
NRSZ Series
W.V.
(Vdc)
Cap.
(
µF)
Code
Case Size
D
φ x L(mm)
Lead
Space
(mm)
Max.
Tan
δ
Max. LC
(
µA)
Max. Impedance
Max. Ripple Current at
100KHz/105°C
(mA rms)
100KHz/20°C 100KHz/-10°C
63
18
180
5x11
2.0
0.08
7.6
1.6
3.2
140
33
330
6.3x11
2.5
0.08
17.0
0.90
1.8
200
39
390
6.3x11
2.5
0.08
24.6
0.90
1.8
200
47
470
8x11.5
3.5
0.08
29.6
0.52
1.04
275
56
560
8x11.5
3.5
0.08
35.3
0.52
1.04
275
68
680
8x11.5
3.5
0.08
42.8
0.52
1.04
275
82
820
8x15
3.5
0.08
51.7
0.34
0.68
360
120
121
8x20
3.5
0.08
75.6
0.21
0.42
510
10x12.5
5.0
0.08
75.6
0.26
0.52
420
150
151
8x20
3.5
0.08
94.5
0.18
0.36
690
10x16
5.0
0.08
91.5
0.20
0.40
525
220
221
10x20
5.0
0.08
138
0.15
0.30
765
270
271
10x22
5.0
0.08
170
0.12
0.24
840
330
331
12.5x20
5.0
0.08
208
0.10
0.20
960
470
471
12.5x25
5.0
0.08
296
0.064
0.13
1200
680
681
16x25
7.5
0.08
428
0.052
0.11
1500
1000
102
16x31.5
7.5
0.08
630
0.042
0.09
1750
100
1.0
1R0
5x11
2.0
0.07
3.0
4.1
8.2
97
5.6
5R6
5x11
2.0
0.07
5.6
2.7
5.4
120
10
100
6.3x11
2.5
0.07
10
1.4
2.8
120
12
120
6.3x11
2.5
0.07
12
1.4
2.8
170
15
150
8x11.5
3.5
0.07
15
0.81
1.62
230
22
220
8x11.5
3.5
0.07
22
0.81
1.62
230
27
270
8x15
3.5
0.07
27
0.64
1.3
295
39
390
8x20
3.5
0.07
39
0.36
0.72
400
47
470
10x16
5.0
0.07
47
0.35
0.70
420
68
680
10x20
5.0
0.07
68
0.24
0.48
630
100
101
12.5x20
5.0
0.07
100
0.15
0.30
800
150
151
12.5x25
5.0
0.07
150
0.11
0.22
920
18x15
7.5
0.07
150
0.12
0.24
917
220
221
16x25
7.5
0.07
220
0.071
0.15
1100
330
331
16x31.5
7.5
0.07
330
0.049
0.10
1490
390
391
16x35.5
7.5
0.07
390
0.043
0.09
1630
470
471
18x35.5
7.5
0.07
470
0.038
0.08
1700
Size (D
∅ x L)
Tape and Box*
NRSZ 102 M 35V 12.5x25
Series
TB
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
F
PART NUMBERING SYSTEM
*see tape specification for details



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com