Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRSZ Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSZ
Description  Miniature Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSZ Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSZ Datasheet HTML 1Page - NIC-Components Corp. NRSZ Datasheet HTML 2Page - NIC-Components Corp. NRSZ Datasheet HTML 3Page - NIC-Components Corp. NRSZ Datasheet HTML 4Page - NIC-Components Corp. NRSZ Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
85
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
NRSZ Series
LOW IMPEDANCE AT HIGH FREQUENCY RADIAL LEADS, POLARIZED
ALUMINUM ELECTROLYTIC CAPACITORS
Unless otherwise specified here, capacitor shall meet JIS C-5141 Characteristics W.
RIPPLE CURRENT CORRECTION FACTORS
CHARACTERISTICS
*NRSZ102M6.3V8X20 is 4,500 Hours @ 105°C
FEATURES
• VERY LOW IMPEDANCE
• LONG LIFE AT 105OC (2000 ~ 5000 hrs.)
• HIGH STABILITY AT LOW TEMPERATURE
• IDEALLY FOR USE IN SWITCHING POWER SUPPLIES AND
..CONVERTORS
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
NRSZ
NRSY
(today’s standard)
(reduced sizes)
LOW IMPEDANCE
Rated Voltage Range
6.3 ~ 100VDC
Capacitance Range
0.47 ~ 12,000
µF
Operating Temperature Range
-55 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current @ 20°C
After 1 min.
0.03CV or 4
µA, whichever is greater
After 2 min.
0.01CV or 3
µA, whichever is greater
Max. Tan
δ ~ 120Hz/20°C
W.V. (VDC)
6.3
10
16
25
35
50
63
100
S.V. (VDC)
8
13
20
32
44
63
79
125
C < 1,200
µF
0.22 0.19 0.16 0.14 0.12 0.10 0.08 0.07
C = 1,500
µF
0.23 0.20 0.17 0.15 0.13 0.11
-
-
C = 1,800
µF
0.23 0.20 0.17 0.15 0.13 0.11
-
-
C = 2,200
µF
0.24 0.21 0.18 0.16 0.14
-
-
-
C = 2,700
µF
0.25 0.22 0.19 0.17 0.15
-
-
-
C = 3,300
µF
0.26 0.23 0.20 0.18 0.16
-
-
-
C = 3,900
µF
0.28 0.25 0.22 0.20
-
-
-
-
C = 4,700
µF
0.29 0.26 0.23 0.21
-
-
-
-
C = 5,600
µF
0.31 0.28 0.25
-
-
-
-
-
C = 6,800
µF
0.33 0.30 0.27
-
-
-
-
-
C = 8,200
µF
0.36 0.33
-
-
-
-
-
-
C = 10,000
µF
0.40
-
-
-
-
-
-
-
C = 12,000
µF
0.44
-
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
2
2
2
2
2
2
2
Z-40°C/Z+20°C
4
3
3
3
3
3
3
3
Load Life Test at Rated W.V. & 105°C
5,000 hours: 12.5
φ
3,000 hours: 8 ~ 10
φ
2,000 hours: 5 ~ 6.3
φ
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
105°C for 1,000 hours
No Load
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Frequency (Hz)
Cap. (
µF)
120
1K
10K
100K
Multiplier
0.47 ~ 4.7
0.40
0.68
0.78
1.00
5.6 ~ 47
0.50
0.76
0.87
1.00
56 ~ 270
0.70
0.85
0.90
1.00
330 ~ 1000
0.80
0.93
0.98
1.00
1200 ~ 12000
0.90
0.95
1.0
1.0


Similar Part No. - NRSZ

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSZ100M100V63x11F NIC-NRSZ100M100V63x11F Datasheet
97Kb / 5P
Miniature Aluminum Electrolytic Capacitors
NRSZ100M50V5x11F NIC-NRSZ100M50V5x11F Datasheet
97Kb / 5P
Miniature Aluminum Electrolytic Capacitors
NRSZ101M100V125x20F NIC-NRSZ101M100V125x20F Datasheet
97Kb / 5P
Miniature Aluminum Electrolytic Capacitors
NRSZ101M10V5x11F NIC-NRSZ101M10V5x11F Datasheet
97Kb / 5P
Miniature Aluminum Electrolytic Capacitors
NRSZ101M16V63x11F NIC-NRSZ101M16V63x11F Datasheet
97Kb / 5P
Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRSZ

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com