Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMUCT0021 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAMUCT0021
Description  CATV Amplifier Splitter Module 50 - 860 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMUCT0021 Datasheet(HTML) 1 Page - Tyco Electronics

  MAMUCT0021 Datasheet HTML 1Page - Tyco Electronics MAMUCT0021 Datasheet HTML 2Page - Tyco Electronics MAMUCT0021 Datasheet HTML 3Page - Tyco Electronics MAMUCT0021 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CATV Amplifier Splitter Module
50 - 860 MHz
MAMUCT0021
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
RoHS
Compliant
Features
• Low Noise Figure
• Low Distortion
• Multifunction Integration
• Single Positive Supply
• 75 ohm Impedance
• Lead-Free Surface Mount Package
• Electroless Nickel Imersion Gold (ENIG) Finish
• 260°C Reflow Compatible
• RoHS* Compliant Version of MAMUSS0007
Description
M/A-COM’s MAMUCT0021 is an integrated module
consisting of an amplifier and two equal split power
dividers. The push-pull, low distortion, amplifier
includes the baluns and DC bias circuitry.
The
device is ideally suited for use in the CATV market
where low noise figure, low distortion and high
linearity are required.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information
Part Number
Package
MAMUCT0021TR
500 Piece Reel
MAMUCT0021SMB
Sample Test Board (Includes 5 Samples)
Parameter
Absolute Maximum
Input Power
+20 dBm
Operating Voltage
+10 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 1,2
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
Pin Configuration
Functional Schematic
Pin No.
Pin Name
Description
1
GND
Ground
2
GND
Ground
3
GND
Ground
4
GND
Ground
5
GND
Ground
6
GND
Ground
7
GND
Ground
8
GND
Ground
9
IN
RF Input
10
GND
Ground
11
VDD
+5V
12
GND
Ground
13
OUT 1
RF Output 1
14
GND
Ground
15
OUT 2
RF Output 2
16
GND
Ground
17
OUT 3
RF Output 3
18
GND
Ground
IN
OUT1
OUT3
OUT2
Vdd
IN
OUT1
OUT3
OUT2
Vdd


Similar Part No. - MAMUCT0021

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMUCT0021 MA-COM-MAMUCT0021 Datasheet
119Kb / 4P
CATV Amplifier Splitter Module 50 - 860 MHz
More results

Similar Description - MAMUCT0021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW8182A MOTOROLA-MHW8182A Datasheet
53Kb / 2P
128-Channel 860 MHz CATV Amplifier
MHW8185 MOTOROLA-MHW8185 Datasheet
55Kb / 2P
19.4 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
MHW8242A MOTOROLA-MHW8242A Datasheet
54Kb / 2P
24 dB GAIN 860 MHz 128-CHANNEL CATV AMPLIFIER
logo
ANADIGICS, Inc
ACA0861 ANADIGICS-ACA0861 Datasheet
452Kb / 11P
750/860 MHz CATV LINE AMPLIFIER MMIC
Rev 2
logo
Tyco Electronics
PAW887B MACOM-PAW887B Datasheet
36Kb / 1P
40-860 MHz. 28 dB. CATV Ultra-linear Amplifier
MAMUSS0007 MACOM-MAMUSS0007 Datasheet
264Kb / 5P
CATV Amplifier Splitter Module 50 - 860 MHz
logo
M/A-COM Technology Solu...
MAMUCT0021 MA-COM-MAMUCT0021 Datasheet
119Kb / 4P
CATV Amplifier Splitter Module 50 - 860 MHz
MAMUSS0007 MA-COM-MAMUSS0007 Datasheet
91Kb / 4P
CATV Amplifier Splitter Module 50 - 860 MHz
logo
ANADIGICS, Inc
ACA0861 ANADIGICS-ACA0861_08 Datasheet
952Kb / 16P
750/860 MHz CATV Line Amplifier MMIC
Rev 2.3
logo
Skyworks Solutions Inc.
ACA0861-A SKYWORKS-ACA0861-A Datasheet
1Mb / 18P
750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com