Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMUCT0021 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAMUCT0021
Description  CATV Amplifier Splitter Module 50 - 860 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMUCT0021 Datasheet(HTML) 3 Page - Tyco Electronics

  MAMUCT0021 Datasheet HTML 1Page - Tyco Electronics MAMUCT0021 Datasheet HTML 2Page - Tyco Electronics MAMUCT0021 Datasheet HTML 3Page - Tyco Electronics MAMUCT0021 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CATV Amplifier Splitter Module
50 - 860 MHz
MAMUCT0021
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
3
RoHS
Compliant
In – Out 2
Noise Figure
In – Out 1
In – Out 3
Isolation
Typical Performance Curves
3
4
5
6
7
8
0
200
400
600
800
1000
-40°C
+25°C
+85°C
Frequency (MHz)
3
4
5
6
7
8
0
200
400
600
800
1000
-40°C
+25°C
+85°C
Frequency (MHz)
6
7
8
9
10
11
0
200
400
600
800
1000
-40°C
+25°C
+85°C
Frequency (MHz)
1
2
3
4
5
0
200
400
600
800
1000
In to Out 1
In to Out 2
In to Out 3
Frequency (MHz)
0
10
20
30
40
0
200
400
600
800
1000
Out 1 to Out 3
Out 1 to Out2
Out 2 to Out 3
Frequency (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com