Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMUCT0021 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAMUCT0021
Description  CATV Amplifier Splitter Module 50 - 860 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMUCT0021 Datasheet(HTML) 2 Page - Tyco Electronics

  MAMUCT0021 Datasheet HTML 1Page - Tyco Electronics MAMUCT0021 Datasheet HTML 2Page - Tyco Electronics MAMUCT0021 Datasheet HTML 3Page - Tyco Electronics MAMUCT0021 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CATV Amplifier Splitter Module
50 - 860 MHz
MAMUCT0021
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, Freq: 50 - 860 MHz, VDD = +5 Volts, Z0 = 75 Ω
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
IN-OUT1, IN-OUT2
dB
4
5
6.8
Gain
IN-OUT3
dB
7.6
8.5
9.8
Gain Unbalance
IN-OUT1 vs IN-OUT2
dB
—
0.6
—
Gain Flatness
IN-OUT1/2
dB
0
1.1
1.6
Gain Flatness
IN-OUT 3
dB
0
0.8
1
Noise Figure
IN-OUT1, IN-OUT2
50 – 150 MHz
150 – 860 MHz
dB
dB
—
—
3.7
3.4
—
—
Noise Figure
IN-OUT 3
50 – 150 MHz
150 – 860 MHz
dB
dB
—
—
3.4
3.0
—
—
Return Loss
IN
dB
—
15
—
Return Loss
OUT
dB
—
17
—
Isolation
OUT-OUT
dB
—
24
—-
Composite Triple Beat, CTB
135 channels, +13 dBmV/channel at the input
dBc
—
-78
-70
Composite Second Order, CSO
135 channels, +13 dBmV/channel at the input
dBc
—
-78
-70
Cross modulation
135 channels, +13 dBmV/channel at the input
dBc
—
-66
—
IDD
VDD = + 5 Volts
mA
—
200
225



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com