Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS173 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PLS173
Description  Programmable logic array 22 횞 42 횞 10
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS173 Datasheet(HTML) 1 Page - NXP Semiconductors

  PLS173 Datasheet HTML 1Page - NXP Semiconductors PLS173 Datasheet HTML 2Page - NXP Semiconductors PLS173 Datasheet HTML 3Page - NXP Semiconductors PLS173 Datasheet HTML 4Page - NXP Semiconductors PLS173 Datasheet HTML 5Page - NXP Semiconductors PLS173 Datasheet HTML 6Page - NXP Semiconductors PLS173 Datasheet HTML 7Page - NXP Semiconductors PLS173 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS173
Programmable logic array
(22
× 42 × 10)
25
October 22, 1993
853–0324 11164
DESCRIPTION
The PLS173 is a two-level logic element
consisting of 42 AND gates and 10 OR gates
with fusible link connections for programming
I/O polarity and direction.
All AND gates are linked to 12 inputs (I) and
10 bidirectional I/O lines (B). These yield
variable I/O gate configurations via 10
direction control gates (D), ranging from 22
inputs to 10 outputs.
On-chip T/C buffers couple either True (I, B)
or Complement (I, B) input polarities to all
AND gates, whose outputs can be optionally
linked to all OR gates. Their output polarity, in
turn, is individually programmable through a
set of EX-OR gates for implementing
AND/OR or AND/NOR logic functions.
The PLS173 is field programmable, enabling
the user to quickly generate custom patterns
using standard programming equipment.
Order codes for this device are listed below.
FEATURES
• I/O propagation delay: 30ns (max.)
• 12 inputs
• 42 AND gates
• 10 OR gates
• 10 bidirectional I/O lines
• Active-High or -Low outputs
• 42 product terms:
– 32 logic terms
– 10 control terms
• Ni-Cr programmable links
• Input loading: –100µA (max.)
• Power dissipation: 750mW (typ.)
• 3-State outputs
• TTL compatible
APPLICATIONS
• Random logic
• Code converters
• Fault detectors
• Function generators
• Address mapping
• Multiplexing
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
N Package
I0
I1
I2
I3
I4
I5
I6
I7
I8
I9
I10
VCC
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
I11
GND
A Package
N = Plastic DIP (300mil-wide)
I0
I1
I2
I3
VCC B9 B8
NC
I4
I5
I6
I7
I8
NC
I9
I10 GND I11 B0 B1 B2
NC
B3
B7
B6
B5
B4
NC
A = Plastic Leaded Chip Carrier
ORDERING INFORMATION
DESCRIPTION
ORDER CODE
DRAWING NUMBER
24-Pin Plastic Dual-In-Line 300mil-wide
PLS173N
0410D
28-Pin Plastic Leaded Chip Carrier
PLS173A
0401F


Similar Part No. - PLS173

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLS101 PHILIPS-PLS101 Datasheet
127Kb / 8P
Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLS101A PHILIPS-PLS101A Datasheet
127Kb / 8P
Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLS101N PHILIPS-PLS101N Datasheet
127Kb / 8P
Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
logo
Littelfuse
PLS120A LITTELFUSE-PLS120A Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
More results

Similar Description - PLS173

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLC42VA12 PHILIPS-PLC42VA12 Datasheet
434Kb / 20P
CMOS programmable multi-function PLD 42 횞 105 횞 12
October 22, 1993
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
PLUS153B PHILIPS-PLUS153B Datasheet
72Kb / 8P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS173B PHILIPS-PLUS173B Datasheet
73Kb / 8P
Programmable logic arrays 22 횞 42 횞 10
October 22, 1993
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
PLUS173-10 PHILIPS-PLUS173-10 Datasheet
73Kb / 8P
Programmable logic array (22 x 42 x 10)
October 22, 1993
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com