Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXSS0010 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAMXSS0010
Description  MMIC Medium Level Mixer 1700 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXSS0010 Datasheet(HTML) 1 Page - Tyco Electronics

  MAMXSS0010 Datasheet HTML 1Page - Tyco Electronics MAMXSS0010 Datasheet HTML 2Page - Tyco Electronics MAMXSS0010 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMIC Medium Level Mixer
1700 - 2000 MHz
MAMXSS0010
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
RoHS
Compliant
Features
• Low Conversion Loss
• Input Power @ 1 dB Compression: +21 dBm
• Typical Two-Tone IM Ratio: > 50 dBc
• LO Drive Level: +11 to +23 dBm
• DC - 200 MHz IF Bandwidth
• Lead-Free SOIC-8 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MD54-0003
Description
M/A-COM’s MAMXSS0010 is a passive mixer that
achieves the performance of a double balanced
diode mixer in a lead-free surface mount plastic
SOIC-8 package. The MAMXSS0010 is ideally
suited for use where high level RF signals and very
wide dynamic range are required.
Typical applications include frequency up/down
conversion, modulation, demodulation in systems
such as base station receivers and transmitters for
DCS1800, PCS and PHS applications.
The MAMXSS0010 uses FETs as mixing elements
to achieve very wide dynamic range in a low cost
plastic package. The mixer operates with LO drive
levels of +11 dBm to +23 dBm. No DC bias is
required.
M/A-COM’s MAMXSS0010 is fabricated using a
mature 1-micron GaAs process. The process
features
full
IC
passivation
for
increased
performance and reliability.
Part Number
Package
MAMXSS0010
Bulk Packaging
MAMXSS0010TR
1000 piece reel
MAMXSS0010SMB
Designer’s Kit
Ordering Information
Note: Reference Application Note M513 for reel size
information.
Functional Diagram
External matching network on LO Port: R = 330 ohms, L = 3 nH, C = 3.3 pF
8
7
6
5
1
2
3
4
R
C
L
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Ground
5
Ground
2
RF Port
6
LO Port
3
Ground
7
IF Port
4
Ground
8
Ground
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAMXSS0010

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMXSS0010 MA-COM-MAMXSS0010 Datasheet
71Kb / 3P
MMIC Medium Level Mixer 1700 - 2000 MHz
MAMXSS0010 MA-COM-MAMXSS0010 Datasheet
71Kb / 3P
MMIC Medium Level Mixer
MAMXSS0010 MA-COM-MAMXSS0010_15 Datasheet
71Kb / 3P
MMIC Medium Level Mixer
More results

Similar Description - MAMXSS0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD54-0003 MACOM-MD54-0003 Datasheet
106Kb / 2P
MMIC Medium Level Mixer 1700 - 2000 MHz
MD54-0004 MACOM-MD54-0004 Datasheet
97Kb / 2P
MMIC Medium Level Mixer 800 - 1000 MHz
MAMXSS0011 MACOM-MAMXSS0011 Datasheet
158Kb / 3P
MMIC Medium Level Mixer 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAMXSS0010 MA-COM-MAMXSS0010 Datasheet
71Kb / 3P
MMIC Medium Level Mixer 1700 - 2000 MHz
MAMXSS0011 MA-COM-MAMXSS0011 Datasheet
71Kb / 3P
MMIC Medium Level Mixer 800 - 1000 MHz
MD54-0003 MA-COM-MD54-0003 Datasheet
71Kb / 3P
MMIC Medium Level Mixer 1700 - 2000 MHz
MD54-0004 MA-COM-MD54-0004 Datasheet
70Kb / 3P
MMIC Medium Level Mixer 800 - 1000 MHz
MAMXSS0010 MA-COM-MAMXSS0010 Datasheet
71Kb / 3P
MMIC Medium Level Mixer
MAMXSS0011 MA-COM-MAMXSS0011 Datasheet
71Kb / 3P
MMIC Medium Level Mixer
MAMXSS0010 MA-COM-MAMXSS0010_15 Datasheet
71Kb / 3P
MMIC Medium Level Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com