Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXSS0010 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAMXSS0010
Description  MMIC Medium Level Mixer 1700 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXSS0010 Datasheet(HTML) 2 Page - Tyco Electronics

  MAMXSS0010 Datasheet HTML 1Page - Tyco Electronics MAMXSS0010 Datasheet HTML 2Page - Tyco Electronics MAMXSS0010 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMIC Medium Level Mixer
1700 - 2000 MHz
MAMXSS0010
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications:
Test Conditions: RF = 1850 MHz (-10 dBm), LO = 1710 MHz (13 dBm), IF = 140 MHz, TA = +25°C
Parameter
Test Conditions
Units
Min
Typ
Max
Conversion Loss
—
dB
—
8.5
9.5
Isolation
LO to RF
LO to IF
RF to IF
dB
dB
dB
—
—
—
27
12
10
—
—
—
VSWR
LO Port
RF Port
IF Port
Ratio
Ratio
Ratio
—
—
—
2.5:1
2.0:1
2.0:1
—
—
—
Input 1 dB Compression
RF Freq. = 1800 MHz, LO = +13 dBm
dBm
—
+21
—
Two-Tone IM Ratio1
Two tones at –10 dBm each,
Tone spacing 100 kHz, IF = 140 MHz
dBc
50
65
—
1. IMR vs RF drive level can be calculated by the formula: IMR = 50 - (1.5 x P IN )
4x
17
6.9
48.2
47.2
62.3
61.1
71.7
61.7
73.4
63.4
3x
10.3
0.3
28.9
28.9
63.0
61.3
71.3
63.5
70.6
61.6
2x
-8.8
-18.8
-25.7
25.9
52.1
61.3
71.5
61.5
72.1
62.1
1x
-13.1
-23.1
0
0
67.5
61.1
71.3
61.9
72.6
62.6
0x
X
X
2.1
2.1
56.8
61.7
72.3
62.3
69.3
59.8
0x
1x
2x
3x
4x
Harmonic of RF
Spurious Table
The spurious table shows the spurious signals resulting from the
mixing of the RF and LO input signals, assuming down
conversion. Mixing products are indicated by the number of dB
below the conversion loss. The lower frequency mixing term is
shown for two different RF input levels. The top number is for an
RF input power of -5 dBm, the lower number is for -15 dBm.
|mFRF - nFLO |, RF = -5 dBm
|mFRF - nFLO |, RF = -15 dBm
RF Frequency = 1850 MHz
LO Frequency = 1710 MHz
Parameter
Absolute Maximum
RF Input Power4
+22 dBm
LO Drive Power4
+23 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings2,3
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
4. Total combined power for RF and LO ports should not
exceed +23 dBm.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com