Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXSS0010 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAMXSS0010
Description  MMIC Medium Level Mixer 1700 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXSS0010 Datasheet(HTML) 3 Page - Tyco Electronics

  MAMXSS0010 Datasheet HTML 1Page - Tyco Electronics MAMXSS0010 Datasheet HTML 2Page - Tyco Electronics MAMXSS0010 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MMIC Medium Level Mixer
1700 - 2000 MHz
MAMXSS0010
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
RoHS
Compliant
Typical Performance Curves
Conversion Loss
Input P1dB
Isolation
RF, LO and IF VSWR
7
8
9
10
11
1700
1750
1800
1850
1900
1950
2000
RF Frequency (MHz)
0
5
10
15
20
25
30
1700
1750
1800
1850
1900
1950
2000
RF TO IF
LO TO IF
LO TO RF
RF Frequency (MHz)
0
1
2
3
4
5
1700
1750
1800
1850
1900
1950
2000
0
50
100
150
200
250
300
LO
RF
IF
RF Frequency (MHz)
IF Frequency (MHz)
15.0
17.5
20.0
22.5
25.0
1700
1750
1800
1850
1900
1950
2000
RF Frequency (MHz)
Lead-Free SOIC-8†
†
Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com