Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUS153BA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PLUS153BA
Description  Programmable logic arrays 18 횞 42 횞 10
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS153BA Datasheet(HTML) 1 Page - NXP Semiconductors

  PLUS153BA Datasheet HTML 1Page - NXP Semiconductors PLUS153BA Datasheet HTML 2Page - NXP Semiconductors PLUS153BA Datasheet HTML 3Page - NXP Semiconductors PLUS153BA Datasheet HTML 4Page - NXP Semiconductors PLUS153BA Datasheet HTML 5Page - NXP Semiconductors PLUS153BA Datasheet HTML 6Page - NXP Semiconductors PLUS153BA Datasheet HTML 7Page - NXP Semiconductors PLUS153BA Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS153B/D
Programmable logic arrays
(18
× 42 × 10)
9
October 22, 1993
853–1285 11164
DESCRIPTION
The PLUS153 PLDs are high speed,
combinatorial Programmable Logic Arrays.
The Philips Semiconductors state-of-the-art
Oxide Isolated Bipolar fabrication process is
employed to produce propagation delays as
short as 12ns.
The 20-pin PLUS153 devices have a
programmable AND array and a
programmable OR array. Unlike PAL
®
devices, 100% product term sharing is
supported. Any of the 32 logic product terms
can be connected to any or all of the 10
output OR gates. Most PAL ICs are limited to
7 AND terms per OR function; the PLUS153
devices can support up to 32 input wide OR
functions.
The polarity of each output is
user-programmable as either active-High or
active-Low, thus allowing AND-OR or
AND-NOR logic implementation. This feature
adds an element of design flexibility,
particularly when implementing complex
decoding functions.
The PLUS153 devices are
user-programmable using one of several
commercially available, industry standard
PLD programmers.
FEATURES
• I/O propagation delays (worst case)
– PLUS153B – 15ns max.
– PLUS153D – 12ns max.
• Functional superset of 16L8 and most
other 20-pin combinatorial PAL devices
• Two programmable arrays
– Supports 32 input wide OR functions
• 8 inputs
• 10 bi-directional I/O
• 42 AND gates
– 32 logic product terms
– 10 direction control terms
• Programmable output polarity
– Active-High or Active-Low
• Security fuse
• 3-State outputs
• Power dissipation: 750mW (typ.)
• TTL Compatible
APPLICATIONS
• Random logic
• Code converters
• Fault detectors
• Function generators
• Address mapping
• Multiplexing
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
N Package
I0
I1
I2
I3
I4
I5
I6
I7
B0
B2
GND
B3
B4
B5
B6
B7
B8
B9
VCC
B1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A Package
N = Plastic Dual In-Line Package (300mil-wide)
A = Plastic Leaded Chip Carrier
B4
B5
B6
B7
B8
B2 B3
B1
B0 GND
I3
I4
I5
I6
I7
I1
I2
B9
VCC
I0
ORDERING INFORMATION
DESCRIPTION
tPD (MAX)
ORDER CODE
DRAWING NUMBER
20-Pin Plastic Dual-In-Line 300mil-wide
15ns
PLUS153BN
0408D
20-Pin Plastic Dual-In-Line 300mil-wide
12ns
PLUS153DN
0408D
20-Pin Plastic Leaded Chip Carrier
15ns
PLUS153BA
0400E
20-Pin Plastic Leaded Chip Carrier
12ns
PLUS153DA
0400E
®PAL is a registered trademark of Monolithic Memories, Inc., a wholly owned subsidiary of Advanced Micro Devices Corporation.


Similar Part No. - PLUS153BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLUS16L8 PHILIPS-PLUS16L8 Datasheet
148Kb / 16P
PAL devices
September 10, 1993
PLUS16L8-7A PHILIPS-PLUS16L8-7A Datasheet
148Kb / 16P
PAL devices
September 10, 1993
PLUS16L8-7N PHILIPS-PLUS16L8-7N Datasheet
148Kb / 16P
PAL devices
September 10, 1993
PLUS16L8DA PHILIPS-PLUS16L8DA Datasheet
148Kb / 16P
PAL devices
September 10, 1993
PLUS16L8DN PHILIPS-PLUS16L8DN Datasheet
148Kb / 16P
PAL devices
September 10, 1993
More results

Similar Description - PLUS153BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLC42VA12 PHILIPS-PLC42VA12 Datasheet
434Kb / 20P
CMOS programmable multi-function PLD 42 횞 105 횞 12
October 22, 1993
PLS100 PHILIPS-PLS100 Datasheet
127Kb / 8P
Programmable logic arrays 16 횞 48 횞 8
October 22, 1993
PLS153 PHILIPS-PLS153 Datasheet
144Kb / 9P
Programmable logic arrays 18 횞 42 횞 10
October 22, 1993
PLS159A PHILIPS-PLS159A Datasheet
132Kb / 12P
Programmable logic sequencer 16 횞 45 횞 12
October 22, 1993
PLS173 PHILIPS-PLS173 Datasheet
73Kb / 8P
Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS17310 PHILIPS-PLUS17310 Datasheet
72Kb / 8P
Programmable logic array 22 횞 42 횞 10
October 22, 1993
PLUS173B PHILIPS-PLUS173B Datasheet
73Kb / 8P
Programmable logic arrays 22 횞 42 횞 10
October 22, 1993
PLUS405-55 PHILIPS-PLUS405-55 Datasheet
141Kb / 16P
Programmable logic sequencer 16 횞 64 횞 8
October 22, 1993
logo
Texas Instruments
TIBPLS506AC TI1-TIBPLS506AC Datasheet
327Kb / 16P
13 횞 97 횞 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER
logo
NXP Semiconductors
PLUS405-37 PHILIPS-PLUS405-37 Datasheet
164Kb / 20P
Programmable logic sequencers (16 횞 64 횞 8)
1996 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com