Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSP331M2.5D4XTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSP331M2.5D4XTRF
Description  Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSP331M2.5D4XTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSP331M2.5D4XTRF Datasheet HTML 1Page - NIC-Components Corp. NSP331M2.5D4XTRF Datasheet HTML 2Page - NIC-Components Corp. NSP331M2.5D4XTRF Datasheet HTML 3Page - NIC-Components Corp. NSP331M2.5D4XTRF Datasheet HTML 4Page - NIC-Components Corp. NSP331M2.5D4XTRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
65
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NSP Series
NIC Part Number
(Reflow 240°C)
NIC Part Number
(Reflow 260°C)
WV
Cap.
Max. LC (
µA)
Tan
δ
Max. Ripple Current
+105°C & 100KHz (mA)
Max. ESR
+20°C & 100KHz (
Ω)
Height
H
(Vdc)
(
µF) 240°C 260°C
NSP331M2D3ZTRF
NSP331M2D3ZATRF
2.0
330
39.6
66.0
0.10
3,500
0.007
2.8±0.2
NSP331M2D4TRF
NSP331M2D4ATRF
330
39.6
66.0
0.10
3,300
0.012
4.2±0.1
NSP331M2D4XTRF
NSP331M2D4XATRF
330
39.6
66.0
0.10
3,500
0.010
4.2±0.1
NSP391M2D3TRF
NSP391M2D3ATRF
390
46.8
78.0
0.10
3,000
0.015
2.8±0.2
N/A
NSP391M2D3YATRF
390
-
78.0
0.10
3,400
0.009
2.8±0.2
NSP391M2D3ZTRF
NSP391M2D3ZATRF
390
46.8
78.0
0.10
3,500
0.007
2.8±0.2
NSP391M2D4TRF
NSP391M2D4ATRF
390
46.8
78.0
0.10
3,300
0.012
4.2±0.1
NSP391M2D4XTRF
NSP391M2D4XATRF
390
46.8
78.0
0.10
3,500
0.010
4.2±0.1
N/A
NSP391M2D4YATRF
390
-
78.0
0.10
3,700
0.007
4.2±0.1
NSP391M2D4ZTRF
NSP391M2D4ZATRF
390
46.8
78.0
0.10
4,000
0.005
4.2±0.1
NSP471M2D4TRF
NSP471M2D4ATRF
470
56.4
94.0
0.10
3,300
0.012
4.2±0.1
N/A
NSP471M2D3YATRF
470
-
94.0
0.10
3,400
0.009
2.8±0.1
NSP471M2D4XTRF
NSP471M2D4XATRF
470
56.4
94.0
0.10
3,500
0.010
4.2±0.1
N/A
NSP471M2D4YATRF
470
-
94.0
0.10
3,700
0.007
4.2±0.1
NSP471M2D4ZTRF
NSP471M2D4ZATRF
470
56.4
94.0
0.10
4,000
0.005
4.2±0.1
NSP561M2D4TRF
NSP561M2D4ATRF
560
67.2
112.0
0.10
3,300
0.012
4.2±0.1
N/A
NSP561M2D4YATRF
560
-
112.0
0.10
3,700
0.007
4.2±0.1
NSP561M2D4ZTRF
NSP561M2D4ZATRF
560
67.2
112.0
0.10
4,000
0.005
4.2±0.1
NSP560M2.5D5TRF
N/A
2.5
56
8.4
-
0.06
2,000
0.028
1.1±0.1
NSP820M2.5D2TRF
NSP820M2.5D2ATRF
82
12.3
20.5
0.06
2,500
0.018
1.8±0.1
NSP820M2.5D2XTRF NSP820M2.5D2XATRF
82
12.3
20.5
0.06
2,700
0.015
1.8±0.1
NSP101M2.5D2TRF
NSP101M2.5D2ATRF
100
15.0
25.0
0.06
2,500
0.018
1.8±0.1
NSP101M2.5D2XTRF NSP101M2.5D2XATRF
100
15.0
25.0
0.06
2,700
0.015
1.8±0.1
NSP101M2.5D2ZTRF NSP101M2.5D2ZATRF
100
15.0
25.0
0.06
3,000
0.009
1.8±0.1
NSP121M2.5D2TRF
NSP121M2.5D2ATRF
120
18.0
30.0
0.06
2,500
0.018
1.8±0.1
NSP121M2.5D2ZTRF NSP121M2.5D2ZATRF
120
18.0
30.0
0.06
3,000
0.009
1.8±0.1
NSP151M2.5D2TRF
NSP151M2.5D2ATRF
150
22.5
37.5
0.06
2,500
0.018
1.8±0.1
N/A
NSP151M2.5D2ZATRF
150
-
37.5
0.06
3,000
0.009
1.8±0.1
NSP151M2.5D6ZTRF NSP151M2.5D6ZATRF
150
22.5
37.5
0.06
3,000
0.009
1.9±0.2
NSP151M2.5D3TRF
NSP151M2.5D3ATRF
150
22.5
37.5
0.10
3,000
0.015
2.8±0.2
NSP151M2.5D3XTRF NSP151M2.5D3XATRF
150
22.5
37.5
0.10
3,300
0.012
2.8±0.2
NSP181M2.5D3TRF
NSP181M2.5D3ATRF
180
27.0
45.0
0.10
3,000
0.015
2.8±0.2
NSP181M2.5D3XTRF NSP181M2.5D3XATRF
180
27.0
45.0
0.10
3,300
0.012
2.8±0.2
NSP181M2.5D6ZTRF NSP181M2.5D6ZATRF
180
27.0
45.0
0.10
3,000
0.009
1.9±0.2
N/A
NSP221M2.5D6ATRF
220
-
55.0
0.06
2,700
0.015
1.9±0.2
NSP221M2.5D3TRF
NSP221M2.5D3ATRF
220
33.0
55.0
0.10
3,000
0.015
2.8±0.2
NSP221M2.5D3XTRF NSP221M2.5D3XATRF
220
33.0
55.0
0.10
3,300
0.012
2.8±0.2
N/A
NSP221M2.5D3YATRF
220
-
78.0
0.10
3,400
0.009
2.8±0.2
NSP221M2.5D3ZTRF NSP221M2.5D3ZATRF
220
33.0
55.0
0.10
3,500
0.007
2.8±0.2
NSP221M2.5D4TRF
NSP221M2.5D4ATRF
220
33.0
55.0
0.10
3,300
0.012
4.2±0.1
NSP221M2.5D4XTRF NSP221M2.5D4XATRF
220
33.0
55.0
0.10
3,500
0.010
4.2±0.1
NSP271M2.5D3TRF
NSP271M2.5D3ATRF
270
40.5
67.5
0.10
3,000
0.015
2.8±0.2
N/A
NSP271M2.5D3YATRF
270
-
78.0
0.10
3,400
0.009
2.8±0.2
NSP271M2.5D3ZTRF NSP271M2.5D3ZATRF
270
40.5
67.5
0.10
3,500
0.007
2.8±0.2
NSP271M2.5D4TRF
NSP271M2.5D4ATRF
270
40.5
67.5
0.10
3,300
0.012
4.2±0.1
NSP271M2.5D4XTRF NSP271M2.5D4XATRF
270
40.5
67.5
0.10
3,500
0.010
4.2±0.1
NSP331M2.5D4TRF
NSP331M2.5D4ATRF
330
49.5
82.5
0.10
3,300
0.012
4.2±0.1
NSP331M2.5D4XTRF NSP331M2.5D4XATRF
330
49.5
82.5
0.10
3,500
0.010
4.2±0.1
N/A
NSP331M2.5D4YATRF
330
-
82.5
0.10
3,700
0.007
4.2±0.1
NSP331M2.5D4ZTRF NSP331M2.5D4ZATRF
330
49.5
67.5
0.10
4,000
0.005
4.2±0.1
NSP391M2.5D4TRF
NSP391M2.5D4ATRF
390
58.5
97.5
0.10
3,300
0.012
4.2±0.1
N/A
NSP391M2.5D4YATRF
390
-
97.5
0.10
3,700
0.007
4.2±0.1
NSP391M2.5D4ZTRF NSP391M2.5D4ZATRF
390
58.5
97.5
0.10
4,000
0.005
4.2±0.1
NSP471M2.5D4TRF
NSP471M2.5D4ATRF
470
70.5
117.5
0.10
3,300
0.012
4.2±0.1
N/A
NSP471M2.5D4YATRF
470
-
117.5
0.10
3,700
0.007
4.2±0.1
NSP390M4D5TRF
N/A
4.0
39
9.3
-
0.06
2,000
0.028
1.1±0.1
NSP470M4D5TRF
N/A
47
11.3
-
0.06
2,000
0.028
1.1±0.1
NSP560M4D2TRF
NSP560M4D2ATRF
56
13.4
22.4
0.06
2,500
0.018
1.8±0.1
NSP560M4D2XTRF
NSP560M4D2XATRF
56
13.4
22.4
0.06
2,700
0.015
1.8±0.1
Surface Mount Specialty Polymer Solid Aluminum
Electrolytic Capacitors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com