Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSP331M2.5D4XTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NSP331M2.5D4XTRF
Description  Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSP331M2.5D4XTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NSP331M2.5D4XTRF Datasheet HTML 1Page - NIC-Components Corp. NSP331M2.5D4XTRF Datasheet HTML 2Page - NIC-Components Corp. NSP331M2.5D4XTRF Datasheet HTML 3Page - NIC-Components Corp. NSP331M2.5D4XTRF Datasheet HTML 4Page - NIC-Components Corp. NSP331M2.5D4XTRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
67
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Specialty Polymer Solid Aluminum
Electrolytic Capacitors
NSP Series
PART NUMBERING SYSTEM
NSP 101 M 12.5 D2 X TR F
RoHS Compliant
Tape and Reel
High Performance
Case Size
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
µF, first 2 digits are
significant, third digits no. of zeros
Series
D2 - D5 and D2X - D5X Sizes
Base: Fe (~ 100
µm)
Under Plating: Cu (~ 5
µm)
Finish Plating: Sn (5 ~ 9
µm)
D2Z - D6Z Sizes
Base: Cu (~ 105
µm)
Finish Plating: Sn (5 ~ 9
µm)
TERMINATION MATERIAL:
NIC Part Number
(Reflow 240°C)
NIC Part Number
(Reflow 260°C)
WV
Cap.
Max. LC (
µA)
Tan
δ
Max. Ripple Current
+105°C & 100KHz (mA)
Max. ESR
+20°C & 100KHz (
Ω)
Height
H
(Vdc)
(
µF)
240°C
260°C
NSP4R7M12.5D2TRF
N/A
12.5
4.7
3.0
-
0.06
1,000
0.080
1.8±0.1
NSP100M12.5D2TRF
N/A
10
5.0
-
0.06
1,000
0.060
1.8±0.1
NSP150M12.5D5TRF
N/A
15
7.5
-
0.06
1,400
0.040
1.1±0.1
NSP150M12.5D2TRF
N/A
15
7.5
-
0.06
1,300
0.050
1.8±0.1
NSP220M12.5D2TRF
N/A
22
11.0
-
0.06
1,600
0.030
1.8±0.1
NSP2R2M16D2TRF
N/A
16
2.2
3.0
-
0.06
1,000
0.110
1.8±0.1
NSP4R7M16D2TRF
N/A
4.7
3.0
-
0.06
1,000
0.080
1.8±0.1
NSP6R8M16D2TRF
N/A
6.8
4.4
-
0.06
1,000
0.070
1.8±0.1
NSP8R2M16D2TRF
N/A
8.2
5.2
-
0.06
1,300
0.045
1.8±0.1
RECOMMENDED
240°C REFLOW SOLDERING PROFILE
(D2, D2Z, D3, D3X, D3Z, D4, D4X, D4Z, D5, D6Z)
160oC PREHEAT
NATURAL COOLING
240oC Max.
250
200
150
100
50
Time above
200°C
120 Seconds
5 Seconds Max.
Time (Seconds)
RECOMMENDED
260°C REFLOW SOLDERING PROFILE
(D2A, D2XA, D2ZA, D3A, D3XA, D3YA, D4A, D4XA, D4YA, D6A, D6ZA)
NATURAL COOLING
260oC Max.
5 Seconds Max.
230
Time above
230°C
120 Seconds
150oC ~ 200°C
PREHEAT
Time (Seconds)
If Peak Soldering Temperature is
Maximum Time Above +200°C is
240°C
30 seconds
230°C
40 seconds
220°C
50 seconds
If Peak Soldering Temperature is
Maximum Time Above +230°C is
260°C
40 seconds
255°C
50 seconds
250°C
60 seconds
250
150
200
50
100
DURATION ABOVE 200°C (FOR 240°C REFLOW PARTS)
DURATION ABOVE 230°C (FOR 260°C REFLOW PARTS)
Notes:
1. SAC alloy (+217°C) reflow soldering compatible
2. Soldering heat limits apply to the top surface of component
3. If you have concerns about your reflow soldering profile review them with NIC
to insure compatible [tpmg@niccomp.com]
4. Two passes through the reflow process are allowed (cooling down period
between process).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com