Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSP331M2.5D4XTRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NSP331M2.5D4XTRF
Description  Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSP331M2.5D4XTRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NSP331M2.5D4XTRF Datasheet HTML 1Page - NIC-Components Corp. NSP331M2.5D4XTRF Datasheet HTML 2Page - NIC-Components Corp. NSP331M2.5D4XTRF Datasheet HTML 3Page - NIC-Components Corp. NSP331M2.5D4XTRF Datasheet HTML 4Page - NIC-Components Corp. NSP331M2.5D4XTRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
68
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
CARRIER TAPE DIMENSIONS (mm)
REEL DIMENSIONS (mm)
E
C
D
A
W
T
B
t
R:1.0
Surface Mount Specialty Polymer Solid Aluminum
Electrolytic Capacitors
NSP Series
RECOMMENDED LAND PATTERNS (mm)
DIMENSIONS (mm)
Please note the NSP series will fit on standard
“D” and “E” size (7343) tantalum chip capacitor
land patterns
PART MARKING
Capacitance (
µF)
Anode Polarity Indicator
Voltage Code
Date Code
J
10
64721
W
W1
H
L
S
VOLTAGE CODES
A
C
B
Case Code
L ±0.4
W ±0.3
H
W1 ±0.2
S ±0.3
D2 ~ D6
7.3
4.3
see values table
2.4
1.3
Voltage
Code
2.0Vdc
D
2.5Vdc
E
6.3Vdc
J
8Vdc
K
12.5Vdc
B
16Vdc
C
Case Code
A
B
C
D2 ~ D6
2.8
4.0
8.8
Case
Code
A±0.2 B±0.2
D
φ
E±0.1 F±0.1 P
o±0.1
P
1±0.1
t±0.2 W±0.3
D5
7.7
4.6
1.5 +0.1
1.75
5.5
4.0
8.0
1.5
12.0
D2, D6
2.1
D3
3.4
D4
4.5
A±2.0
B min.
C±0.5
D±0.8
E±0.5
T±1.0
t
W±1.0
330
50
13.0
21.0
2.0
20.0
3.0
14
Case
Code
Reel
Quantity
D5, D6,
D2
3,500
D3, D4
2,000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com