Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0067 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0067
Description  SPST High Isolation CATV Switch 5 - 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0067 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0067 Datasheet HTML 1Page - Tyco Electronics MASWSS0067 Datasheet HTML 2Page - Tyco Electronics MASWSS0067 Datasheet HTML 3Page - Tyco Electronics MASWSS0067 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPST High Isolation CATV Switch, 5 - 1000 MHz
MASWSS0067
V1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
2
Electrical Specifications: TA = 25°C, VC = 0V / 5V, Z0 = 75
Ω 3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5 - 50 MHz
50 - 1000 MHz
dB
dB
0.45
0.65
0.9
Isolation
5 - 50 MHz
50 - 1000 MHz
dB
dB
50
70
53
Return Loss (On)
Return Loss (Off)
(RF1 only)
5 – 50 MHz
50 – 1000 MHz
5 – 50 MHz
50 – 1000 MHz
dB
dB
dB
dB
30
16
30
18
IP3
Two Tone, +10 dBm / tone, 6 MHz Spacing, > 50 MHz
dBm
52
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
20
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
40
Transients
In Band
mV
30
Control Current
|Vc| = 5V
µA
10
25
V1
V2
RF1—RF2
1
0
On
0
1
Off
Truth Table
5
3. External DC blocking capacitors are required on all RF ports.
Parameter
Absolute
Maximum
Max Input Power
(5 - 1000 MHz, 2.5V Control)
+32 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40 oC to +85 oC
Storage Temperature
-65 oC to +150 oC
Absolute Maximum Ratings
4
4. Exceeding any one or combination of these limits
may cause permanent damage to this device.
Handling Procedures
Please observe the following precautions to
avoid damage:
Static Sensitivity
Gallium arsenide integrated circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Use proper ESD
control precautions when handling these
devices.
Qualification
Qualified to M/A-COM Specification Rel 201,
Process Flow –2.
5. 0 = 0 V + 0.2 V; 1 = +2.5 V to +5.0 V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com