Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0067 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0067
Description  SPST High Isolation CATV Switch 5 - 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0067 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0067 Datasheet HTML 1Page - Tyco Electronics MASWSS0067 Datasheet HTML 2Page - Tyco Electronics MASWSS0067 Datasheet HTML 3Page - Tyco Electronics MASWSS0067 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
• 75 Ohm Impedance
• Positive Voltage Control (0 / +5 V)
• Input Terminated (Off State)
• Low Insertion Loss: 0.62 dB at 870 MHz
• High Isolation: 54 dB at 870 MHz
• 3 mm FQFP-N 12 Lead Package
• 0.5 micron GaAs PHEMT Process
Description
M/A-COM’s MASWSS0067 is a GaAs PHEMT
MMIC single pole single throw (SPST) switch in a
low cost 3 mm FQFP-N 12 lead package. The
MASWSS0067 is ideally suited for applications
where low control voltage, low insertion loss, high
isolation, small size and low cost are required.
Typical applications are to replace mechanical
relays in CATV systems. This part can be used in
all 75 ohm systems operating up to 1.0 GHz.
The MASWSS0067 is fabricated using a 0.5
micron gate length GaAs PHEMT process. The
process features full passivation for performance
and reliability.
SPST High Isolation CATV Switch
5 - 1000 MHz
PIN
No.
PIN Name
Description
1
GND
Ground
2
RF1
RF In
3
G1
RF Ground
4
V1
Control 1
5
N/C
No Connection
6
V2
Control 2
7
GND
Ground
8
RF2
RF Out
9
GND
Ground
10
N/C
No Connection
11
N/C
No Connection
12
GT1
RF Ground
Functional Schematic
Pin Configuration
2
MASWSS0067
V1
Ordering Information
1
Part Number
Package
MASWSS0067
FQFP- N 12-lead Plastic Package
MASWSS0067TR
7 inch, 1000 piece reel
MASWSS0067TR-3000 13 inch, 3000 piece reel
MASWSS0067SMB
Sample Test Board (Includes 5 Samples)
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
1
1. Reference Application Note M513 for reel size
information.
2. The exposed pad centered on the package bottom
must be connected to both RF and DC ground.
GND
RF1
RF2
GT1
G1
V1
V2
GND
GND
N/C
N/C
N/C
GND
RF1
RF2
GT1
G1
V1
V2
GND
GND
N/C
N/C
N/C


Similar Part No. - MASWSS0067

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0067 MA-COM-MASWSS0067 Datasheet
86Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067SMB MA-COM-MASWSS0067SMB Datasheet
86Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067TR MA-COM-MASWSS0067TR Datasheet
86Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067TR-3000 MA-COM-MASWSS0067TR-3000 Datasheet
86Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
More results

Similar Description - MASWSS0067

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008177 MACOM-MASW-008177 Datasheet
117Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0068 MACOM-MASWSS0068 Datasheet
257Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0102 MACOM-MASWSS0102 Datasheet
288Kb / 6P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008153 MA-COM-MASW-008153 Datasheet
159Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MA-COM-MASWSS0067 Datasheet
86Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com