Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0067 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASWSS0067
Description  SPST High Isolation CATV Switch 5 - 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0067 Datasheet(HTML) 3 Page - Tyco Electronics

  MASWSS0067 Datasheet HTML 1Page - Tyco Electronics MASWSS0067 Datasheet HTML 2Page - Tyco Electronics MASWSS0067 Datasheet HTML 3Page - Tyco Electronics MASWSS0067 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPST High Isolation CATV Switch, 5 - 1000 MHz
MASWSS0067
V1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
3
Insertion Loss vs. Frequency over
Temperature
Typical Performance Curves
S11 (Switch On) vs. Frequency over
Temperature
0.0
0.2
0.4
0.6
0.8
1.0
0
250
500
750
1000
1250
+25C
-40°C
+100°C
Frequency (MHz)
40
45
50
55
60
65
70
0
250
500
750
1000
1250
+25°C
-40°C
+100°C
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
0
250
500
750
1000
1250
S11 @ +25°C
S11 @ -40°C
S11 @ +100°C
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
0
250
500
750
1000
1250
S11 @ +25°C
S11 @ -40°C
S11 @ +100°C
Frequency (MHz)
S11 (Switch Off) vs. Frequency over
Temperature
Isolation vs. Frequency over
Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com