Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0070 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0070
Description  GaAs Broadband SPDT Switch DC - 6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0070 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0070 Datasheet HTML 1Page - Tyco Electronics MASWSS0070 Datasheet HTML 2Page - Tyco Electronics MASWSS0070 Datasheet HTML 3Page - Tyco Electronics MASWSS0070 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs Broadband SPDT Switch
DC - 6.0 GHz
MASWSS0070
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
1
Features
• 802.11a + b/g Dual Band Applications
• Broadband Performance: DC - 6.0 GHz
• Low Insertion Loss: 0.75 dB @ 5.8 GHz
• High Isolation: 22 dB @ 5.8 GHz
• Low Cost 3 mm 12-Lead PQFN Package
• Fast Switching Speed: 0.5 µm GaAs PHEMT
Description
M/A-COM’s MASWSS0070 is a broadband GaAs
PHEMT MMIC SPDT switch available in a low cost 3
mm 12-lead PQFN package. The MASWSS0070 is
ideally suited for applications where very small size
and low cost are required.
Typical applications are for WLAN IEEE 802.11a
and 802.11b/g PC cards and access points. Other
applications include cordless phones and base
stations. Designed for high power, this SPDT switch
maintains high linearity up to 6.0 GHz.
The MASWSS0070 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Pin No.
Pin Name
Description
1
VC1
Control 1
2
RF1
RF Port
3
GND
Ground
4
GND
Ground
5
GND
Ground
6
GND
Ground
7
GND
Ground
8
RF2
RF Port
9
VC2
Control 2
10
GND
Ground
11
RFC
RF Port
12
GND
Ground
13
Paddle
2
RF and DC Ground
Pin Configuration
Ordering Information
1
Part Number
Package
MASWSS0070
Bulk Packaging
MASWSS0070TR
7 inch, 1000 piece reel
MASWSS0070TR-3000
13 inch, 3000 piece reel
MASWSS0070SMB
Sample Test Board
(Includes 5 Samples)
1.
Reference Application Note M513 for reel size information.
Functional Schematic
RF2
RFC
GND
GND
GND
GND
V
C2
GND
V
C1
RF1
GND
GND
RF2
RFC
GND
GND
GND
GND
V
C2
GND
V
C1
RF1
GND
GND
2.
The exposed pad centered on the package bottom must be
connected to RF and DC ground.


Similar Part No. - MASWSS0070

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0070 MA-COM-MASWSS0070 Datasheet
105Kb / 5P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0070 MA-COM-MASWSS0070 Datasheet
126Kb / 5P
GaAs Broadband SPDT Switch
MASWSS0070SMB MA-COM-MASWSS0070SMB Datasheet
105Kb / 5P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0070SMB MA-COM-MASWSS0070SMB Datasheet
126Kb / 5P
GaAs Broadband SPDT Switch
MASWSS0070TR MA-COM-MASWSS0070TR Datasheet
105Kb / 5P
GaAs Broadband SPDT Switch DC - 6.0 GHz
More results

Similar Description - MASWSS0070

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007588 MACOM-MASW-007588 Datasheet
89Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0093 MACOM-MASWSS0093 Datasheet
184Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0202 MACOM-MASWSS0202 Datasheet
218Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0070 MA-COM-MASWSS0070 Datasheet
105Kb / 5P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0093 MA-COM-MASWSS0093 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASW6010G MA-COM-MASW6010G Datasheet
70Kb / 4P
GaAs SPDT Switch DC - 6.0 GHz
MASWSS0093 MA-COM-MASWSS0093 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
GaAs Broadband SPDT Switch DC - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com