Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0100 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0100
Description  GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0100 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0100 Datasheet HTML 1Page - Tyco Electronics MASWSS0100 Datasheet HTML 2Page - Tyco Electronics MASWSS0100 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SP3T 2.5 V High Power Switch
0.1 - 3.0 GHz
MASWSS0100
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
0.5
0.6
0.65
Isolation
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
23
25
20
Return Loss
0.5 - 2.5 GHz
dB
20
P.1dB
dBm
38
2
nd Harmonic
1.0 GHz, PIN = +34 dBm
dBc
-80
3
rd Harmonic
1.0 GHz, PIN = +34 dBm
dBc
-70
-65
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
83
Ton, Toff
50% control to 90% RF
50% control to 10% RF
nS
94
Transients
In Band
mV
58
Control Current
2.5 V
µA
50
80
4. External DC blocking capacitors are required on all RF ports.
5. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 - 3 GHz.
Electrical Specifications: TA = 25°C, VC = 0 V / 2.5 V, Z0 = 50 Ω
4
V1
V2
V3
RFC–
RF1
RFC-
RF2
RFC -
RF3
1
0
0
On
Off
Off
0
1
0
Off
On
Off
0
0
1
Off
Off
On
Truth Table 6,7
6. State 0 = -5 V to +2.5 V, State 1 = -2.5 V to +5 V.
7. Differential voltage, V (state 1) - V (state 0), must be 2.5 V
minimum.
Qualification
Qualified
to
M/A-COM
specification
REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Functional Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com