Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0100 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASWSS0100
Description  GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0100 Datasheet(HTML) 3 Page - Tyco Electronics

  MASWSS0100 Datasheet HTML 1Page - Tyco Electronics MASWSS0100 Datasheet HTML 2Page - Tyco Electronics MASWSS0100 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs SP3T 2.5 V High Power Switch
0.1 - 3.0 GHz
MASWSS0100
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
Typical Performance Curves
Insertion Loss vs. Frequency
Isolation vs. Frequency
2nd Harmonic vs. VC
3rd Harmonic vs. VC
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IL+25°C
IL+85°C
IL-40°C
Frequency (GHz)
0
10
20
30
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IL +25°C
IL +85°C
IL -40°C
Frequency (GHz)
-100
-90
-80
-70
-60
-50
-40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
25°C
85°C
-40°C
V
C
(V)
-100
-90
-80
-70
-60
-50
-40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
25°C
85°C
-40°C
V
C
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com