Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0100 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0100
Description  GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0100 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0100 Datasheet HTML 1Page - Tyco Electronics MASWSS0100 Datasheet HTML 2Page - Tyco Electronics MASWSS0100 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SP3T 2.5 V High Power Switch
0.1 - 3.0 GHz
MASWSS0100
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• Low Voltage Operation: 2.5V
• Low Harmonics: -70 dBc at +34 dBm & 1 GHz
• Low Insertion Loss: 0.5 dB at 1 GHz
• High Isolation: 20 dB at 2 GHz
• 0.5 micron GaAs PHEMT Process
• Supplied as Known Good Die
Description
M/A-COM’s MASWSS0100 is a GaAs PHEMT
MMIC single pole three throw (SP3T) high power
switch die. The MASWSS0100 is ideally suited for
applications where high power, low control voltage,
low insertion loss, high isolation, small size and low
cost are required.
Typical applications are for GSM, DCS and PCS
handset systems that connect separate transmit and
receive functions to a common antenna, as well as
other handset and related applications.
This part
can be used in all systems operating up to 2.5 GHz
requiring high power at low control voltage.
The MASWSS0100 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Ordering Information1
Part Number
Product Description
MASWSS0100-DIE
Separated Die on Grip Ring
1
1. Die quantity varies.
Pad Name
Description
V1
Control 1
RF1
RF Port 1
RF2
RF Port 2
V2
Control 2
RF3
RF Port 3
V3
Control 3
RFC
Antenna/Common Port
Pad Configuration
Parameter
Absolute Maximum
Input Power
+38 dBm
Voltage
± 8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 2,3
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Die Bond Pad Layout
V1
V3
RFC
RF1
RF2
V2
RF3


Similar Part No. - MASWSS0100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0100 MA-COM-MASWSS0100 Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
MASWSS0100-DIE MA-COM-MASWSS0100-DIE Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
More results

Similar Description - MASWSS0100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-489 MACOM-SW-489 Datasheet
255Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
Skyworks Solutions Inc.
AS197-306LF SKYWORKS-AS197-306LF Datasheet
364Kb / 5P
PHEMT GaAs IC High-Power SP2T and SP3T Switch 0.1-2.5 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0100 MA-COM-MASWSS0100 Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
SW-489 MA-COM-SW-489 Datasheet
87Kb / 3P
GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com