Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0118 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0118
Description  GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0118 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0118 Datasheet HTML 1Page - Tyco Electronics MASWSS0118 Datasheet HTML 2Page - Tyco Electronics MASWSS0118 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SP4T 2.5 V High Power Switch
DC - 3.0 GHz
MASWSS0118
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss 4
DC – 1 GHz
1 – 2 GHz
2 - 3 GHz
dB
dB
dB
—
—
—
0.65
0.80
1.00
0.85
1.00
—
Isolation
DC – 1 GHz
1 – 2 GHz
2 - 3 GHz
dB
dB
dB
27
21
—
29.0
23.0
18.5
—
—
—
Return Loss
DC – 3 GHz
dB
—
20
—
IP3
Two Tone +26 dBm, 5 MHz Spacing, > 50 MHz
VC = 0 V / 2.5 V
dBm
—
57
—
P.1dB
VC = 0 V / 2.5 V
dBm
—
38
—
2nd Harmonic
1 GHz, PIN = +34 dBm, VC = 0 V / 2.5 V
dBc
—
-80
-71
3rd Harmonic
1 GHz, PIN = +34 dBm, VC = 0 V / 2.5 V
dBc
—
-68
-65
Trise, Tfall
10% RF to 90% RF, 90% to 10% RF, VC = 0 V / 2.5 V
µS
—
0.2
—
Ton, Toff
50% control to 90% RF, 50% control to 10% RF, VC = 0 V / 2.5 V
µS
—
0.2
—
Transients
mV
—
35
—
Control Current
VC = 0 V / 2.5 V, 34 dBm
µA
—
10
50
IP2
Two Tone +26 dBm, 5 MHz Spacing, > 50 MHz
VC = 0 V / 2.5 V
dBm
—
81
—
3. External DC blocking capacitors are required on all RF ports.
4. Insertion Loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 500 MHz, 39 pF for 0.5 GHz - 3 GHz.
V1
V2
V3
V4
ANT-
RF1
ANT-
RF2
ANT-
RF3
ANT-
RF4
1
0
0
0
On
Off
Off
Off
0
1
0
0
Off
On
Off
Off
0
0
1
0
Off
Off
On
Off
0
0
0
1
Off
Off
Off
On
Truth Table 7,8
7. Differential voltage, V (state 1) -V (state 2), must be 2.5 V
minimum.
8. 0 = -5 V to +2.5 V, 1 = -2.5 V to +5 V
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to
electrostatic discharge (ESD) and can be damaged by
static electricity. Proper ESD control techniques should
be used when handling these devices.
Parameter
Absolute Maximum
Input Power
(0.5 - 3.0 GHz, 2.5 V Control)
+38 dBm
Voltage
± 8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 5,6
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM does not recommend sustained operation near
these survivability limits.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com