Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0118 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0118
Description  GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0118 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0118 Datasheet HTML 1Page - Tyco Electronics MASWSS0118 Datasheet HTML 2Page - Tyco Electronics MASWSS0118 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SP4T 2.5 V High Power Switch
DC - 3.0 GHz
MASWSS0118
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• Low Voltage Operation: 2.5 V
• Low Harmonics: < -65 dBc at +34 dBm & 1 GHz
• Low Insertion Loss: 0.65 dB at 1 GHz
• High Isolation: 23 dB at 2 GHz
• 4 mm 16-Lead PQFN Package
• 0.5 micron GaAs PHEMT Process
Description
M/A-COM’s MASWSS0118 is a GaAs PHEMT
MMIC single pole four throw (SP4T) high power
switch in a low cost 4 mm 16-lead PQFN package.
The MASWSS0118 is ideally suited for applications
where high power, low control voltage, low insertion
loss, high isolation, small size, and low cost are
required.
Typical applications are for GSM and DCS handset
systems that connect separate transmit and receive
functions to a common antenna, as well as other
handset and related applications. This part can be
used in all systems operating up to 3.0 GHz
requiring high power at low control voltage.
The MASWSS0118 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full passivation for performance and
reliability.
Ordering Information
1. Reference Application Note M513 for reel size information.
Part Number
Package
MASWSS0118TR
1000 piece reel
MASWSS0118TR-3000
3000 piece reel
MASWSS0118SMB
Sample Test Board
Functional Schematic
Pin No.
Pin Name
Description
1
V1
Control 1
2
RF1
RF Port 1
3
GND
RF Ground
4
RF2
RF Port 2
5
GND
RF Ground
6
V2
Control 2
7
V3
Control 3
8
GND
RF Ground
9
RF3
RF Port 3
10
GND
RF Ground
11
GND
RF Ground
12
RF4
RF Port 4
13
GND
RF Ground
14
V4
Control 4
15
GND
RF Ground
16
ANT
Antenna Port
17
Paddle 2
RF Ground
Pin Configuration
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
RF2
RF3
RF1
V1
GND
39 pF
39 pF
Pin 1
39 pF
GND
GND
RF4
39 pF
Pin 16


Similar Part No. - MASWSS0118

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0118 MA-COM-MASWSS0118 Datasheet
75Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0118SMB MA-COM-MASWSS0118SMB Datasheet
75Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0118TR MA-COM-MASWSS0118TR Datasheet
75Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0118TR-3000 MA-COM-MASWSS0118TR-3000 Datasheet
75Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0118

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0181 MACOM-MASWSS0181 Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASW-008566 MACOM-MASW-008566 Datasheet
100Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0118 MA-COM-MASWSS0118 Datasheet
75Kb / 3P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASW-008566 MA-COM-MASW-008566 Datasheet
119Kb / 4P
GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWCC0009 MA-COM-MASWCC0009_15 Datasheet
864Kb / 7P
GaAs SP4T Switch, Absorptive DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com