Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0118 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASWSS0118
Description  GaAs SP4T 2.5 V High Power Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0118 Datasheet(HTML) 3 Page - Tyco Electronics

  MASWSS0118 Datasheet HTML 1Page - Tyco Electronics MASWSS0118 Datasheet HTML 2Page - Tyco Electronics MASWSS0118 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs SP4T 2.5 V High Power Switch
DC - 3.0 GHz
MASWSS0118
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
Typical Performance Curves
Insertion Loss vs. Temperature
1 GHz 2nd Harmonic Rejection
Isolation vs. Temperature
1 GHz 3rd Harmonic Rejection
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
+25°C
+85°C
-40°C
15
20
25
30
35
40
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
+25°C
+85°C
-40°C
-100
-90
-80
-70
-60
-50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Control Voltage (V)
25°C
85°C
-40°C
-100
-90
-80
-70
-60
-50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Control Voltage (V)
25°C
85°C
-40°C
4 mm 16-Lead PQFN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com