Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0121 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0121
Description  SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0121 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0121 Datasheet HTML 1Page - Tyco Electronics MASWSS0121 Datasheet HTML 2Page - Tyco Electronics MASWSS0121 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPDT High Isolation Terminated Switch
0.5 - 3.0 GHz
MASWSS0121
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
1
RoHS
Compliant
Features
• Positive Voltage Control (0 / +5 V)
• High Isolation:
54 dB @ 0.9 GHz
52 dB @ 1.9 GHz
• 50-Ohm Internal Terminations
• Low Insertion Loss: 0.6 dB @ 0.9 GHz
0.7 dB @ 1.9 GHz
• Lead-Free Package: 4 mm 16-Lead PQFN
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of SW-475
Description
The M/A-COM MASWSS0121 GaAs monolithic
switch provides high isolation in a low-cost, lead-free
plastic surface mount package. The MASWSS0121
is ideal for applications across a broad range of
frequencies
including
synthesizer
switching,
transmit / receive switching, switch matrices and
filter banks in systems such as radio and cellular
equipment, PCS, GPS, and fiber optic modules.
M/A-COM fabricates the MASWSS0121 using a
1.0-micron gate length MESFET process.
The
process
features
full
chip
passivation
for
performance and reliability.
Note: Reference Application Note M513 for reel size
information.
Ordering Information
Part Number
Package
MASWSS0121
Bulk Packaging
MASWSS0121TR
1000 piece reel
MASWSS0121TR-3000
3000 piece reel
MASWSS0121SMB
Sample board
Pin
Function
Description
1
RF2
RF port
2
GND
RF ground
3
GND
RF ground
4
V1
Control 1
5
V2
Control 2
6
GND
RF ground
7
RFC
RF port
8
GND
RF ground
9
GND
RF ground
10
GND
RF ground
11
GND
RF ground
12
RF1
RF port
13
GND
RF ground
14
GND
RF ground
15
GND
RF ground
16
GND
RF ground
17 (pad) 1
GND
RF ground
PIN Configuration
1. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Functional Schematic
RF2
RF1
1
2
3
4
56
7
8
9
10
11
12
13
14
15
16
V1
V2
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0121

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch
MASWSS0121 MA-COM-MASWSS0121 Datasheet
587Kb / 4P
SPDT High Isolation Terminated Switch
MASWSS0121SMB MA-COM-MASWSS0121SMB Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0121SMB MA-COM-MASWSS0121SMB Datasheet
587Kb / 4P
SPDT High Isolation Terminated Switch
More results

Similar Description - MASWSS0121

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178 MA-COM-MASWSS0178 Datasheet
84Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-394 MA-COM-SW-394 Datasheet
80Kb / 3P
GaAs SPDT High Isolation Terminated Switch 0.5 - 2.0 GHz
SW-475 MA-COM-SW-475 Datasheet
116Kb / 3P
SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178_15 Datasheet
610Kb / 5P
SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com