Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0151 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0151
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0151 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0151 Datasheet HTML 1Page - Tyco Electronics MASWSS0151 Datasheet HTML 2Page - Tyco Electronics MASWSS0151 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
MASWSS0151
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
1
RoHS
Compliant
Features
• Low Insertion Loss: 0.65 dB @ 2.4 GHz
• Isolation: 24 dB @ 2.4 GHz
• Low Current Consumption: <10 μA @ -3 V
• Lead-Free SOT-363 Plastic Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of the SW-438
Description
M/A-COM’s MASWSS0151 is a GaAs MMIC SPDT
switch in a low cost, lead-free SC70 (SOT-363)
surface mount plastic package. The MASWSS0151
is
ideally
suited
for
applications
that
include
transmit / receive switching for Bluetooth and WLAN
equipment.
The MASWSS0151 can also be used in applications
up to 500 mW in cellular, PCS, DCS1800, GSM,
CDMA, and other analog and digital wireless
communications systems.
The MASWSS0151 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features
full
passivation
for
performance
and
reliability.
Pin No.
Function
Description
1
RF1
RF Input / Output
2
GND
RF Ground
3
RF2
RF Input / Output
4
V2
Control 2 Input
5
RFC
RF Common Input
6
V1
Control 1 Input
Pin Configuration
Ordering Information
1
Part Number
Package
MASWSS0151
Bulk Packaging
MASWSS0151TR-3000
3000 piece reel
MASWSS0151SMB
Sample Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
Functional Schematic
V1
RFC
V2
RF1
GND
RF2
Pin 1
Parameter
Absolute Maximum
Input Power (1 GHz)
+32 dBm
Operating Voltage
+8 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
2,3
2.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
3.
M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0151

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch
MASWSS0151 MA-COM-MASWSS0151 Datasheet
627Kb / 4P
GaAs SPDT Switch
MASWSS0151SMB MA-COM-MASWSS0151SMB Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0151SMB MA-COM-MASWSS0151SMB Datasheet
627Kb / 4P
GaAs SPDT Switch
More results

Similar Description - MASWSS0151

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com