Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-338 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-338
Description  GaAs SPDT Terminated Switch DC - 2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-338 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-338 Datasheet HTML 1Page - Tyco Electronics SW-338 Datasheet HTML 2Page - Tyco Electronics SW-338 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPDT Terminated Switch
DC - 2.5 GHz
SW-338
V6
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
1
Features
• Very Low Power Consumption
• High Isolation: 30 dB up to 2 GHz
• Very High Intercept Point: 46 dBm IP3
• Nanosecond Switching Speed
• Temperature Range: -40°C to +85°C
• Low Cost SOIC-8 Plastic Package
• Tape and Reel Packaging Available
Description
M/A-COM’s SW-338 is a GaAs MMIC SPDT
terminated switch in a low cost SOIC 8-lead surface
mount plastic package. The SW-338 is ideally suited
for use where very low power consumption is
required.
Typical applications include transmit/receive switch-
ing, switch matrices, and filter banks in systems
such as radio and cellular equipment, PCM, GPS,
fiber optic modules, and other battery powered radio
equipment.
The SW-338 is fabricated with a monolithic GaAs
MMIC using a mature 1-micron process. The
process features full chip passivation for increased
performance and reliability.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
V2
5
RF Port 1
2
RF Common
6
Ground
3
V1
7
Ground
4
Ground
8
RF Port 2
Ordering Information
Part Number
Package
SW-338
Bulk Packaging
SW-338TR
1000 piece reel
SW-338SMB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Absolute Maximum Ratings 1,2
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
Parameter
Absolute Maximum
Input Power
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
Control Voltage
-8.5 V < Vc < + 5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Functional Schematic
V1
V2
Pin 1
RFC
GND
GND
GND
RF1
RF2


Similar Part No. - SW-338

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MA-COM-SW-338 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
List of Unclassifed Man...
SW-338PIN ETC-SW-338PIN Datasheet
100Kb / 2P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338RTR ETC-SW-338RTR Datasheet
100Kb / 2P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338TR ETC-SW-338TR Datasheet
100Kb / 2P
GaAs SPDT Terminated Switch DC - 2.5 GHz
More results

Similar Description - SW-338

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW-337 ETC-SW-337 Datasheet
100Kb / 2P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS332 HW-HWS332 Datasheet
101Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
MASWSS0180 MA-COM-MASWSS0180 Datasheet
105Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Tyco Electronics
MASWSS0180TR-3000 MACOM-MASWSS0180TR-3000 Datasheet
106Kb / 4P
GaAs SPDT Terminated Switch DC - 2.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com