Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR6000 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # MPR6000
Description  Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MPR6000 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  MPR6000 Datasheet HTML 1Page - WJ Communication. Inc. MPR6000 Datasheet HTML 2Page - WJ Communication. Inc. MPR6000 Datasheet HTML 3Page - WJ Communication. Inc. MPR6000 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WJ Communications
401 River Oaks Parkway, San Jose, CA 95134
WWW.WJ.COM
Product Features
Compliant to Global Standards
•
Class 0/0+
•
Class1 Gen1
•
Class1 Gen2
.5W Transmit Power (+27 dBm)
Antenna Ports
•
Single Antenna Operation
•
Switchable to 2 Separate Antennas
•
50
MMCX Coaxial Connectors
PCMCIA Type II Form Factor
Communication Interface
•
Standard 68-Pin Parallel PCMCIA
•
Serial Interface 3.3V CMOS Levels,
5V tolerant
Highly Scalable
WJ Communications’ MPR6000 RFID multi-protocol read-
ers represent a new level for size, standards-based com-
patibility, ease of use and performance.
Operating at the UHF frequency, this product offers OEMs
and System Integrators the ability to deliver highly reliable,
best-in-class, high performing RFID enabled printers, RFID
handhelds and other RFID enabled devices. The
MPR6000 reader module supports Class 0, Class1 and
Class1 Gen2 international standards.
Superior Performance
WJ’s innovative, cost-effective and easy to integrate reader
module delivers up to a half watt of RF power and boasts
two antenna ports with the flexibility to customize RFID
devices to meet application specific needs. Typical applica-
tions for the MPR6000 include handheld RFID readers,
RFID enabled printers and mobile RFID devices.
Ease of Integration
The MPR6000 is packaged in a PCMCIA Type II PC
Card™ form factor, for ease of integration into various
RFID devices. Just plug it into PC card socket, load the
driver and demo software and get ready to read tags!
MPR6000
Multi-Protocol RFID Reader Module
EPC Class 0/0+ Class1 and Gen2


Similar Part No. - MPR6000

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MPR6000 WJCI-MPR6000 Datasheet
538Kb / 2P
EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
More results

Similar Description - MPR6000

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
MPR7050 WJCI-MPR7050 Datasheet
278Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6C (Gen2) in PCMCIA Type II Package
MPR7040 WJCI-MPR7040 Datasheet
317Kb / 4P
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6C (Gen2) in PCMCIA Type II Package
MPR5000 WJCI-MPR5000 Datasheet
546Kb / 2P
EPC Class 0/1 and 0 with Integral UHF Antenna
MPR6000 WJCI-MPR6000 Datasheet
538Kb / 2P
EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
MPR7000 WJCI-MPR7000 Datasheet
602Kb / 2P
EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
MPR5000 WJCI-MPR5000_06 Datasheet
151Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna
logo
ams AG
AS3990 AMSCO-AS3990 Datasheet
89Kb / 2P
UHF RFID single chip reader EPC Class1 Gen2 compatible
AS3992-BQFP AMSCO-AS3992-BQFP Datasheet
123Kb / 3P
UHF RFID Single Chip Reader EPC Class1 Gen2 Compatible
logo
STMicroelectronics
ST25RU3993 STMICROELECTRONICS-ST25RU3993_V01 Datasheet
1Mb / 90P
RAIN® RFID single chip reader EPC Class1 Gen2 compatible
27-Apr-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com