Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG112 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # VG112
Description  PCS/UMTS-band Variable Gain Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG112 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  VG112 Datasheet HTML 1Page - WJ Communication. Inc. VG112 Datasheet HTML 2Page - WJ Communication. Inc. VG112 Datasheet HTML 3Page - WJ Communication. Inc. VG112 Datasheet HTML 4Page - WJ Communication. Inc. VG112 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 5
December 2006
VG112
PCS/UMTS-band Variable Gain Amplifier
2140 MHz Application Circuit Performance
OIP3 vs. Output Power vs. Temperature
frequency = 2140, 2141 MHz, 0dB Atten.
38
40
42
44
46
48
10
12
14
16
18
20
Output Power per tone (dBm)
+25 °C
-40 °C
+85 °C
OIP3 vs. Output Power vs. Temperature
frequency = 2140, 2141 MHz, 5dB Atten.
38
40
42
44
46
48
10
12
14
16
18
20
Output Power per tone (dBm)
+25 °C
-40 °C
+85 °C
OIP3 vs. Output Power vs. Temperature
frequency = 2140, 2141 MHz, 10dB Atten.
38
40
42
44
46
48
10
12
14
16
18
20
Output Power per tone (dBm)
+25 °C
-40 °C
+85 °C
OIP3 vs. Output Power vs. Temperature
frequency = 2140, 2141 MHz, 15dB Atten.
38
40
42
44
46
48
10
12
14
16
18
20
Output Power per tone (dBm)
+25 °C
-40 °C
+85 °C
OIP3 vs. Pout vs. Attenuation Setting
frequency = 2140, 2141 MHz, +25 °C
38
40
42
44
46
48
10
12
14
16
18
20
Output Power per tone (dBm)
0 dB Atten
5 dB Atten
10 dB Atten
15 dB Atten
IMD products vs. Output Power
fundamental frequency = 2140, 2141 MHz; +25 °C, 0dB Atten
-80
-70
-60
-50
-40
10
12
14
16
18
20
Output Power per tone (dBm)
IMD_Low
IMD_High
P1dB vs. Temperature
frequency = 2140 MHz, 0dB Atten.
22
24
26
28
30
32
-40
-15
10
35
60
85
Temperature (°C)
ACLR vs. Channel Power
3GPP W-CDMA, Test Model 1+64 DPCH, ±5 MHz offset, 2140 MHz
-60
-55
-50
-45
-40
18
19
20
21
22
Output Channel Power (dBm)
-40 C
+25 C
+85 C
Normalized Gain vs. Vctrl
2140 MHz, Vctrl is as shown in the application circuit
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
Vctrl (V)
-40 °C
+25 °C
+85 °C
Normalized Gain vs. Ictrl
2140 MHz
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
Attenuation Control Current (mA)
-40 °C
+25 °C
+85 °C
Ictrl vs. Vctrl
Vctrl is as shown in the application circuit
0
2
4
6
8
10
12
0
1
2
3
4
5
Vctrl (V)
-40 °C
+25 °C
+85 °C
Noise Figure vs. Frequency vs. Temperature
Vctrl=0V (Maximum Gain Setting)
5
6
7
8
9
10
1800
1900
2000
2100
2200
Frequency (MHz)
-40 °C
+25 °C
+85 °C
Phase vs. Normalized Gain
2140 MHz
-10
-5
0
5
10
15
20
0
5
10
15
20
25
30
Normalized Gain (dB)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com