Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG112 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # VG112
Description  PCS/UMTS-band Variable Gain Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG112 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  VG112 Datasheet HTML 1Page - WJ Communication. Inc. VG112 Datasheet HTML 2Page - WJ Communication. Inc. VG112 Datasheet HTML 3Page - WJ Communication. Inc. VG112 Datasheet HTML 4Page - WJ Communication. Inc. VG112 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 5
December 2006
VG112
PCS/UMTS-band Variable Gain Amplifier
Application Note: Reduced Bias Configurations
The VG112 can be configured to be operated with lower bias current by varying the bias-adjust resistors – R3 and R4 – which
set the current draw for the two stages of the amplifier. The recommended circuit configurations shown previously in this
datasheet have the device operating in Class A operation. Lowering the current moderately can be done at the expense of the
linearity performance of the device.
Measured data is given below and represents the VG112 configured for 2.14 GHz
applications.
Since the second stage amplifier dominates the current draw of the 2-stage amplifier inside the VG112,
modifying R3 will have the greatest effect upon the overall current draw of the device. Data is shown though to display the Icc
and performance effects of the device when R4, the bias-adjust resistor for the first-stage amplifier, is modified when R3 is
fixed.
Performance Data at 2.14 GHz
R3
( )
R4
( )
Icq
(mA)
Pdiss
(W)
Gain
(dB)
OIP3
(dBm)
P1dB
(dBm)
75
0
436
2.18
24.0
46.3
30.7
174
0
304
1.52
23.7
42.5
30.8
383
0
207
1.04
23.3
33.4
30.9
787
0
155
0.78
22.5
27.7
29.7
174
101
284
1.42
23.5
42.3
30.6
174
270
264
1.32
23.3
41.6
30.4
174
499
251
1.26
23.0
40.2
29.8
174
699
244
1.22
22.7
38.9
29.1
Current vs. R3 Value
200
250
300
350
400
450
0
100
200
300
400
R3 Value (Ohms)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com