Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG112 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # VG112
Description  PCS/UMTS-band Variable Gain Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG112 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  VG112 Datasheet HTML 1Page - WJ Communication. Inc. VG112 Datasheet HTML 2Page - WJ Communication. Inc. VG112 Datasheet HTML 3Page - WJ Communication. Inc. VG112 Datasheet HTML 4Page - WJ Communication. Inc. VG112 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 5
December 2006
VG112
PCS/UMTS-band Variable Gain Amplifier
Product Features
• 1800 – 2200 MHz bandwidth
• 25 dB Gain at 1.9 GHz
• 28 dB Attenuation Range
• +46 dBm Output IP3
• +30 dBm P1dB
• Constant IP3 & P1dB over
attenuation range
• +5V Single voltage supply
• Pb-free / green / RoHS-compliant
6x6 mm QFN package
• MTTF > 100 years
Applications
• Xmit & Rcv AGC circuitry for
mobile infrastructure
Product Description
The VG112 is a PCS / UMTS-band high dynamic range
variable gain amplifier (VGA) housed in a low profile
Pb-free / green / RoHS-compliant surface-mount leadless
QFN package that measures 6 x 6 mm square.
The +30 dBm output compression point and +46 dBm
output intercept point of the amplifier are maintained over
the entire attenuation range, making the VG112 ideal for
use in transmitter and receiver AGC circuits. The high gain
of the dual-stage amplifier allows for more integration in a
transceiver board while requiring minimal printed circuit
board space.
Superior thermal design allows the product to have a
minimum MTTF rating of 100 years at a mounting
temperature of +85 ºC. All devices are 100% RF & DC
tested and packaged on tape and reel for automated surface-
mount assembly.
Functional Diagram
Specifications
(1)
Parameter
Units
Min
Typ
Max
Conditions
Operational Bandwidth
MHz
1800
2200
Test Frequency
MHz
2140
See note 1
Gain at min. attenuation
dB
20.5
23
Input Return Loss
dB
18
Output Return Loss
dB
8.2
Output P1dB
dBm
+30
Output IP3
dBm
+43
+46
See note 2
Noise Figure at min. attenuation
dB
8
VCTRL = 0 V
Gain Variation Range
dB
23.5
28
See note 3
Gain Variation Control Voltage, VCTRL
V
0
4.5
See note 1
Supply Voltage, VCC
V
+5
Operating Amplifier Current Range
mA
350
415
475
Pin 25
Gain Control Pin Current
mA
20
VCTRL = 4.5 V. See note 1.
1. Test conditions unless otherwise noted: 25 ºC, Vcc = +5 V in a tuned application circuit. Vctrl is the control voltage through a 220 Ω dropping resistor as shown in the same application circuit.
2. 3OIP measured with two tones at an output power of +15 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. The gain variation range is measured as the difference in gain with Vctrl = 0V and Vctrl = 4.5V at 2.14 GHz.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85 °C
Storage Temperature
-55 to +125 °C
Pin 5 (Gain Control) Current
30 mA
Junction Temperature
+250 °C
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
VG112-G
PCS/UMTS-band Variable Gain Amplifier
(lead-free/green/RoHS-compliant QFN package)
VG112-PCB
2140 MHz Fully Assembled Application Board
8
9
10
11
12
13
14
7
6
5
4
3
2
1
15
16
17
18
19
20
21
GND
Vcc1
GND
RF OUT /
Vcc2
GND
GND
GND
GND
GND
RF IN
GND
GND
GND
Variable
Attenuator
Amp
28
27
26
25
24
23
22
RF OUT /
Vcc2


Similar Part No. - VG112

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
VG112 WJCI-VG112 Datasheet
277Kb / 4P
PCS/UMTS-band Variable Gain Amplifier
VG112-G WJCI-VG112-G Datasheet
277Kb / 4P
PCS/UMTS-band Variable Gain Amplifier
VG112-PCB WJCI-VG112-PCB Datasheet
277Kb / 4P
PCS/UMTS-band Variable Gain Amplifier
More results

Similar Description - VG112

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
VG112 WJCI-VG112 Datasheet
277Kb / 4P
PCS/UMTS-band Variable Gain Amplifier
VG111 WJCI-VG111 Datasheet
601Kb / 7P
PCS/UMTS-band Variable Gain Amplifier
VG101 WJCI-VG101 Datasheet
512Kb / 5P
Cellular-band Variable Gain Amplifier
MH302 WJCI-MH302 Datasheet
103Kb / 3P
PCS/UMTS-band Quad-FET Mixer
VG111 WJCI-VG111_07 Datasheet
370Kb / 6P
PCS/UMTS-band Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7403 AVAGO-ACMD-7403 Datasheet
1Mb / 11P
Miniature UMTS Band II / PCS Duplexer
ACMD-7403 AVAGO-ACMD-7403_15 Datasheet
1Mb / 11P
Miniature UMTS Band II / PCS Duplexer
logo
Broadcom Corporation.
DEMO-ACMD-7403 BOARDCOM-DEMO-ACMD-7403 Datasheet
1Mb / 11P
Miniature UMTS Band II / PCS Duplexer
logo
Analog Devices
HMC8121 AD-HMC8121 Datasheet
343Kb / 16P
E-Band Variable Gain Amplifier
4/2017-Rev. A to Rev. B
HMC8120 AD-HMC8120 Datasheet
360Kb / 16P
E-Band Variable Gain Amplifier
Feb-2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com