Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC-RKC-572-2M Datasheet(PDF) 1 Page - Turck, Inc.

Part # RSC-RKC-572-2M
Description  Cable for DeviceNet and CANopenExtension Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

RSC-RKC-572-2M Datasheet(HTML) 1 Page - Turck, Inc.

  RSC-RKC-572-2M Datasheet HTML 1Page - Turck, Inc. RSC-RKC-572-2M Datasheet HTML 2Page - Turck, Inc. RSC-RKC-572-2M Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|3
RSC RKC 572-2M
Cable for DeviceNet and CANopen – Extension Cable
Technical data
Type
RSC RKC 572-2M
ID
U0323
Connector A
Male, M12 × 1, Straight, A-code
Design specification
Acc. to IEC 61076-2-101
Number of contacts
5
Contacts
Bronze, CuZn, Gold-plated
Contact carriers
Plastic, Nylon or TPU, Blue gray
Connector body
Plastic, TPU, Blue gray
Coupling nut
Brass, CuZn, Nickel-plated
Tightening torque (range)
0.8 … 1 Nm
(note max. torque of mating connector!)
Mechanical life
> 100 Mating cycles
Pollution degree
3
Protection class (When coupled)
IP68, IP69K, Only in screwed condition
NEMA: 1, 3, 4, 6P
Connector B
Female, M12 × 1, Straight, A-code
Design specification
Acc. to IEC 61076-2-101
Number of contacts
5
Contacts
Bronze, CuSn, Gold-plated
Contact carriers
Plastic, Nylon or TPU, Blue gray
Connector body
Plastic, TPU, Blue gray
Coupling nut
Brass, CuZn, Nickel-plated
Seal
O-ring, Plastic, FKM/FPM
Tightening torque
0.4 … 1.8 Nm (note max. torque of
mating connector!)
Features
■M12 female connector, straight, A-coded
■M12 male connector, straight, A-coded
■M12, Male, Straight, 5-pin, A-Code
■M12, Female, Straight, 5-pin, A-Code
■Shielded Twisted Pair
■Fieldbus Technology Cable
■fieldbus type: DeviceNet™, Gray PVC
jacket, shielded, 2STPX22 AWG
■Sunlight Resistant
■Flame Ratings: UL 1685 FT4, UL1061, CSA
FT4
Cable cross section
Contact assignment


Similar Part No. - RSC-RKC-572-2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSC-R1U-E16R ETC1-RSC-R1U-E16R Datasheet
3Mb / 1P
Riser Cards (X9)
RSC-R1U-E8R ETC1-RSC-R1U-E8R Datasheet
3Mb / 1P
Riser Cards (X9)
RSC-R1U-UT ETC1-RSC-R1U-UT Datasheet
3Mb / 1P
Riser Cards (X9)
RSC-R1UG-2E8G-UP ETC1-RSC-R1UG-2E8G-UP Datasheet
3Mb / 1P
Riser Cards (X9)
RSC-R1UG-2E8GR-UP ETC1-RSC-R1UG-2E8GR-UP Datasheet
3Mb / 1P
Riser Cards (X9)
More results

Similar Description - RSC-RKC-572-2M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-F160-EXTC RENESAS-M3T-F160-EXTC Datasheet
111Kb / 1P
Extension Cable for FLX160
logo
Pepperl+Fuchs Inc.
UDB-CABLE-1M PF-UDB-CABLE-1M Datasheet
464Kb / 1P
Extension cable
UDB-CABLE-2M PF-UDB-CABLE-2M Datasheet
464Kb / 1P
Extension cable
UC-30GM-PROG PF-UC-30GM-PROG Datasheet
412Kb / 2P
Extension cable
logo
WAGO Kontakttechnik Gmb...
756-1401-060-020 WAGO-756-1401-060-020 Datasheet
201Kb / 4P
CANopen/DeviceNet cable; M12A socket; straight; 5-pole; Length: 2 m
22.11.2021
756-1401-060-050 WAGO-756-1401-060-050 Datasheet
201Kb / 4P
CANopen/DeviceNet cable; M12A socket; straight; 5-pole; Length: 5 m
22.11.2021
756-1402-060-050 WAGO-756-1402-060-050 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 5 m
22.11.2021
756-1402-060-100 WAGO-756-1402-060-100 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 10 m
22.11.2021
756-1402-060-200 WAGO-756-1402-060-200 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 20 m
22.11.2021
756-1405-060-020 WAGO-756-1405-060-020 Datasheet
242Kb / 4P
CANopen/DeviceNet cable; M12A socket; straight; M12A plug; straight; 5-pole; Length: 2 m
22.11.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com