Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC-RKC-572-2M Datasheet(PDF) 2 Page - Turck, Inc.

Part # RSC-RKC-572-2M
Description  Cable for DeviceNet and CANopenExtension Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

RSC-RKC-572-2M Datasheet(HTML) 2 Page - Turck, Inc.

  RSC-RKC-572-2M Datasheet HTML 1Page - Turck, Inc. RSC-RKC-572-2M Datasheet HTML 2Page - Turck, Inc. RSC-RKC-572-2M Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|3
Technical data
Mechanical life
> 100 Mating cycles
Pollution degree
3
Protection class (When coupled)
IP68, IP69K, Only when screwed
together
NEMA: 1, 3, 4, 6P
Cable data
 
Cable ID
RF50603
Fieldbus
DeviceNet
Total number of conductors
4
Cable diameter
Ø 7.24 mm
Length (L)
2  m, (+50mm or 4% of length/-0.0,
Whichever is greater)
Cable jacket
PVC, Gray
Shield
Foil (IN)
Cable drain
22 AWG TC (Tinned Copper)
Conductor material
TC (tinned copper)
Conductor colors
Power: RD, BK, Data: WH, BU
Sub assembly 1
 
Description of assembly
STP (Shielded Twisted Pair)
Number of pairs
1
Conductor diameter
0.05 ”
Conductor insulation material
PVC
Assembly foil
Foil (OUT)
Cable conductor cross-section
2x22 AWG [Similar to 0.34 mm²]
Number of strands x O.D.
19x0.0058 "
Description of assembly
STP (Shielded Twisted Pair)
Number of assemblies
1
Conductor diameter
0.088 "
Conductor insulation material
Foamed HDPE
Assembly foil
Foil (OUT)
Cable conductor cross-section
2x22 AWG [Similar to 0.34 mm²]
Number of strands x O.D.
19x0.0058
Electrical properties at +20 °C
 
Rated voltage
250 V
Current
4 A
Mechanical and chemical properties  
Bending radius (static)
≥ 5 x Ø
Bending radius (dynamic)
≥ 15 x Ø
Ambient temperature range (static)
-40 °C…+80 °C
Connector A
Connector B
Circuit Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com