Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC-RKC-572-2M Datasheet(PDF) 3 Page - Turck, Inc.

Part # RSC-RKC-572-2M
Description  Cable for DeviceNet and CANopenExtension Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

RSC-RKC-572-2M Datasheet(HTML) 3 Page - Turck, Inc.

  RSC-RKC-572-2M Datasheet HTML 1Page - Turck, Inc. RSC-RKC-572-2M Datasheet HTML 2Page - Turck, Inc. RSC-RKC-572-2M Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
3|3
Technical data
Ambient temperature range (dynamic)
5 °C…+80 °C
Temperature range (installation)
-10 °C…+80 °C
Approval
 
Approvals
FM Div.2
CSA PA
UL 2238
CSA C22.2 No. 182.3
CE
UKCA
RoHS
Note
 
- Flex ratings may be reduced if used
in extreme temperatures, exposure to
certain chemicals, operating above the
rated cycle speed, or operating below the
rated cable bend radius.
- We reserve the right to make technical
alterations without prior notice.
Accessories
M12-CORDSETS-MOUNTING-CLIP-(10/BAG)
100016882
10 Pack of black mounting clips and
M4x8mm mounting screws, used to
secure cable to cable connection points.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com