Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR31500ABC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PR31500ABC
Description  Poseidon embedded processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31500ABC Datasheet(HTML) 4 Page - NXP Semiconductors

  PR31500ABC Datasheet HTML 1Page - NXP Semiconductors PR31500ABC Datasheet HTML 2Page - NXP Semiconductors PR31500ABC Datasheet HTML 3Page - NXP Semiconductors PR31500ABC Datasheet HTML 4Page - NXP Semiconductors PR31500ABC Datasheet HTML 5Page - NXP Semiconductors PR31500ABC Datasheet HTML 6Page - NXP Semiconductors PR31500ABC Datasheet HTML 7Page - NXP Semiconductors PR31500ABC Datasheet HTML 8Page - NXP Semiconductors PR31500ABC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Philips Semiconductors
Preliminary specification
MIPS
PR31500
Poseidon embedded processor
1996 Sep 24
4
OVERVIEW
Each of the on-chip peripherals consist of:
BIU Module
• System memory and PR31500 Bus Interface Unit (BIU)
– supports up to 2 banks of physical memory
– supports self-refreshing DRAM and SDRAM
– programmable parameters for each bank of DRAM or SDRAM
(row/column address configuration, refresh, burst modes, etc.)
• programmable chip select memory access
– 4 programmable (size, wait states, burst mode control) memory
device and general purpose chip selects
available for system ROM, SRAM, Flash
available for external port expansion registers
• supports up to 2 identical full PCMCIA ports
– PR31500 and UCB1100 provide the control signals and accepts
the status signals which conform to the PCMCIA version 2.01
standard
– appropriate connector keying and level-shifting buffers required
for 3.3V versus 5V PCMCIA interface implementations
SIU Module
• multi-channel 32-bit DMA controller and System Interface Unit
(SIU)
• independent DMA channels for video, SIB to/from UCB1100
audio/telecom codecs, high-speed serial port, IR UART, and
general purpose UART
• address decoding for submodules within System Interface Module
(SIM)
CPU Module
• R3000 RISC central processing unit core
– full 32-bit operation (registers, instructions, addresses)
– 32 general purpose 32-bit registers; 32-bit program counter
– MIPS RISC Instruction Set Architecture (ISA) supported
• on-chip cache
– 4 KByte direct-mapped instruction cache (I-cache)
physical address tag and valid bit per cache line
programmable burst size
instruction streaming mode supported
– 1 KByte data cache (D-cache)
physical address tag and valid bit per cache line
programmable burst size
write-through
– cache address snoop mode supported for DMA
– 4-level deep write buffer
• Memory Management Unit
– MIPS R3000A MMU contains on-chip TLB with:
32
×64 bit wide entries
fully associative
2 entry micro TLB for very fast instruction address translation
Instruction address translation accesses full TLB after micro
TLB miss
Data address translation accesses full TLB
• high-speed multiplier/accumulator
– on-chip hardware multiplier
– supports 16x16 or 32x32 multiplier operations, with 64-bit
accumulator
– existing multiply instructions are enhanced and new multiply
and add instructions are added to R3000 instruction set to
improve the performance of DSP applications
• CPU interface
– handles data bus, address bus, and control interface between
CPU core and rest of PR31500 logic
Clock Module
• PR31500 supports system-wide single crystal configuration,
besides the 32 KHz RTC XTAL (reduces cost, power, and board
space)
• common crystal rate divided to generate clock for CPU, video,
sound, telecom, UARTs, etc.
• external system crystal rate is vendor-dependent
• independent enabling or disabling of individual clocks under
software control, for power management
CHI Module
• high-speed serial Concentration Highway Interface (CHI) contains
logic for interfacing to external full-duplex serial
time-division-multiplexed (TDM) communication peripherals
• supports ISDN line interface chips and other PCM/TDM serial
devices
• CHI interface is programmable (number of channels, frame rate,
bit rate, etc.) to provide support for a variety of formats
• supports data rates up to 4.096 Mbps
• independent DMA support for CHI receive and transmit
Interrupt Module
• contains logic for individually enabling, reading, and clearing all
PR31500 interrupt sources
• interrupts generated from internal PR31500 modules or from edge
transitions on external signal pins
IO Module
• contains support for reading and writing the 7 bi-directional
general purpose IO pins and the 32 bi-directional multi-function IO
pins
• each IO port can generate a separate positive and negative edge
interrupt
• independently configurable IO ports allow PR31500 to support a
flexible and wide range of system applications and configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com