Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR31500ABC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PR31500ABC
Description  Poseidon embedded processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31500ABC Datasheet(HTML) 2 Page - NXP Semiconductors

  PR31500ABC Datasheet HTML 1Page - NXP Semiconductors PR31500ABC Datasheet HTML 2Page - NXP Semiconductors PR31500ABC Datasheet HTML 3Page - NXP Semiconductors PR31500ABC Datasheet HTML 4Page - NXP Semiconductors PR31500ABC Datasheet HTML 5Page - NXP Semiconductors PR31500ABC Datasheet HTML 6Page - NXP Semiconductors PR31500ABC Datasheet HTML 7Page - NXP Semiconductors PR31500ABC Datasheet HTML 8Page - NXP Semiconductors PR31500ABC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Philips Semiconductors
Preliminary specification
MIPS
PR31500
Poseidon embedded processor
Version 0.1
2
1996 Sep 24
GENERAL DESCRIPTION
PR31500 Processor is a single-chip, low-cost, integrated embedded
processor consisting of MIPS R3000 core and system support logic
to interface with various types of devices.
PR31500 consists of a MIPS R3000 RISC CPU with 4 KBytes of
instruction cache memory and 1 KByte of data cache memory, plus
integrated functions for interfacing to numerous system components
and external I/O modules. The R3000 RISC CPU is also augmented
with a multiply/accumulate module to allow integrated DSP
functions, such as a software modem for high-performance standard
data and fax protocols.
The PR31500 processor can support both Little and Big Endian
operating systems. In addition the PR31500 provides a memory
management unit with an on-chip Translation Look aside Buffer
(TLB) for very fast virtual to physical address translation.
PR31500 also contains multiple DMA channels and a
high-performance and flexible Bus Interface Unit (BIU) for providing
an efficient means for transferring data between external system
memory, cache memory, the CPU core, and external I/O modules.
The types of external memory devices supported include dynamic
random access memory (DRAM), synchronous dynamic random
access memory (SDRAM), static random access memory (SRAM),
Flash memory, read-only memory (ROM), and expansion cards
(e.g., PCMCIA). PR31500 also contains a System Interface Module
(SIM) containing integrated functions for interfacing to numerous
external I/O modules such as liquid crystal displays (LCDs), the
UCB1100 (which handles most of the analog functions of the
system, including sound and telecom codecs and touchscreen
ADC), ISDN/high-speed serial, infrared, wireless peripherals, etc.
Lastly, PR31500 contains support for implementation of power
management, whereby various PR31500 internal modules and
external subsystems can be individually (under software control)
powered up and down.
Figure 1 shows an External Block Diagram of PR31500.
FEATURES
• 32-bit R3000 RISC static CMOS CPU
• 4 KByte instruction cache
• 1 KByte data cache
• Multiply/accumulator Instruction
• R3000A memory management unit with on-chip TLB
• Supports Big/Little Endian operating systems
• On-chip peripherals with individual power-down
– Multi-channel DMA controller
– Bus interface unit
– Memory controller for ROM, Flash, RAM, DRAM, SDRAM,
SRAM, and PCMCIA
– Power management module
– Video module
– Real-time clock 32.760KHz reference
– High-speed serial interface
– Infrared module
– Dual-UART
– SPI bus
• 3.3V supply voltage
• 208-pin LQFP (Low profile quad flat pack)
• 40MHz operation frequency
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE (
°C) AND PACKAGE
FREQUENCY
(MHz)
DRAWING NUMBER
PR31500ABC
0 to +70, 208-pin Low Profile Quad Flat Pack
40
LQFP208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com