Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR31500ABC Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PR31500ABC
Description  Poseidon embedded processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31500ABC Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PR31500ABC Datasheet HTML 13Page - NXP Semiconductors PR31500ABC Datasheet HTML 14Page - NXP Semiconductors PR31500ABC Datasheet HTML 15Page - NXP Semiconductors PR31500ABC Datasheet HTML 16Page - NXP Semiconductors PR31500ABC Datasheet HTML 17Page - NXP Semiconductors PR31500ABC Datasheet HTML 18Page - NXP Semiconductors PR31500ABC Datasheet HTML 19Page - NXP Semiconductors PR31500ABC Datasheet HTML 20Page - NXP Semiconductors PR31500ABC Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Philips Semiconductors
Preliminary specification
MIPS
PR31500
Poseidon embedded processor
1996 Sep 24
17
CHI
Tamb = 0 to +70°C, VDD = 3.3 ± 0.3V, External Capacitance = 40pF
ITEM
PARAMETER
RISING/FALLING
LIMITS
UNIT
ITEM
PARAMETER
RISING/FALLING
MIN
MAX
UNIT
1
CHICLK high time
–
100
–
ns
2
CHICLK low time
–
100
–
ns
3
CHICLK period
–
225
–
ns
4
Delay CHICLK Rising to CHIDOUT (Master)
Rising
–
5
ns
4
Delay CHICLK Rising to CHIDOUT (Master)
Falling
–
5
ns
7
Delay CHICLK Falling to CHIDOUT (Master)
Rising
–
5
ns
7
Delay CHICLK Falling to CHIDOUT (Master)
Falling
–
5
ns
4
Delay CHICLK Rising to CHIFS (Master)
Rising
–
5
ns
4
Delay CHICLK Rising to CHIFS (Master)
Falling
–
5
ns
7
Delay CHICLK Falling to CHIFS (Master)
Rising
–
5
ns
7
Delay CHICLK Falling to CHIFS (Master)
Falling
–
5
ns
4
Delay CHICLK Rising to CHIDOUT (Slave)
Rising
–
10
ns
4
Delay CHICLK Rising to CHIDOUT (Slave)
Falling
–
10
ns
7
Delay CHICLK Falling to CHIDOUT (Slave)
Rising
–
10
ns
7
Delay CHICLK Falling to CHIDOUT (Slave)
Falling
–
10
ns
4
Delay CHICLK Rising to CHIFS (Slave)
Rising
–
10
ns
4
Delay CHICLK Rising to CHIFS (Slave)
Falling
–
10
ns
7
Delay CHICLK Falling to CHIFS (Slave)
Rising
–
10
ns
7
Delay CHICLK Falling to CHIFS (Slave)
Falling
–
10
ns
5
CHIDIN to CHICLK Rising Setup time (Master)
–
20
–
ns
6
CHIDIN to CHICLK Rising Hold time (Master)
–
20
–
ns
8
CHIDIN to CHICLK Falling Setup time (Master)
–
20
–
ns
9
CHIDIN to CHICLK Falling Hold time (Master)
–
20
–
ns
5
CHIFS to CHICLK Rising Setup time (Slave)
–
20
–
ns
6
CHIFS to CHICLK Rising Hold time (Slave)
–
20
–
ns
8
CHIFS to CHICLK Falling Setup time (Slave)
–
20
–
ns
9
CHIFS to CHICLK Falling Hold time (Slave)
–
20
–
ns
5
CHIDIN to CHICLK Rising Setup time (Slave)
–
20
–
ns
6
CHIDIN to CHICLK Rising Hold time (Slave)
–
20
–
ns
8
CHIDIN to CHICLK Falling Setup time (Slave)
–
20
–
ns
9
CHIDIN to CHICLK Falling Hold time (Slave)
–
20
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com