Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRLL4001 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PRLL4001
Description  Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRLL4001 Datasheet(HTML) 4 Page - NXP Semiconductors

  PRLL4001 Datasheet HTML 1Page - NXP Semiconductors PRLL4001 Datasheet HTML 2Page - NXP Semiconductors PRLL4001 Datasheet HTML 3Page - NXP Semiconductors PRLL4001 Datasheet HTML 4Page - NXP Semiconductors PRLL4001 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1996 Jun 10
4
Philips Semiconductors
Product specification
Rectifiers
PRLL4001; PRLL4002
GRAPHICAL DATA
Fig.2
Maximum average forward current as a
function of ambient temperature.
handbook, halfpage
0
200
0
MBH384
0.5
1.0
100
Tamb (°C)
IF(AV)
(A)
Fig.3
Forward current as a function of forward
voltage; typical values.
handbook, halfpage
1.5
0
0.5
IF
(A)
10−1
1
10
MBH385
1
VF (V)
(2)
(1)
(3)
(1) Tamb = 100 °C.
(2) Tamb = 20 °C.
(3) Tamb = −50 °C.
Fig.4 Printed-circuit board for surface mounting.
Dimensions in mm.
MSB213
4.5
2.5
1.25
50
50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com