Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRLL4001 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PRLL4001
Description  Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRLL4001 Datasheet(HTML) 3 Page - NXP Semiconductors

  PRLL4001 Datasheet HTML 1Page - NXP Semiconductors PRLL4001 Datasheet HTML 2Page - NXP Semiconductors PRLL4001 Datasheet HTML 3Page - NXP Semiconductors PRLL4001 Datasheet HTML 4Page - NXP Semiconductors PRLL4001 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1996 Jun 10
3
Philips Semiconductors
Product specification
Rectifiers
PRLL4001; PRLL4002
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on epoxy-glass printed-circuit board, 1.5 mm thick; thickness of copper
≥40 µm, see Fig.4.
For more information please refer to the
“General Part of associated Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 1 A; see Fig.3
1.1
V
VF(AV)
full-cycle average forward voltage
IF(AV) = 1 A
0.8
V
IR
reverse current
VR =VRmax
10
µA
VR =VRmax; Tamb = 100 °C50
µA
IR(AV)
full-cycle average reverse current
VR =VRRMmax; Tamb =75 °C30
µA
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
30
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
150
K/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com