Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRLL4001 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PRLL4001
Description  Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRLL4001 Datasheet(HTML) 2 Page - NXP Semiconductors

  PRLL4001 Datasheet HTML 1Page - NXP Semiconductors PRLL4001 Datasheet HTML 2Page - NXP Semiconductors PRLL4001 Datasheet HTML 3Page - NXP Semiconductors PRLL4001 Datasheet HTML 4Page - NXP Semiconductors PRLL4001 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1996 Jun 10
2
Philips Semiconductors
Product specification
Rectifiers
PRLL4001; PRLL4002
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Shipped in 8 mm embossed tape
• Smallest surface mount rectifier
outline.
DESCRIPTION
Cavity free cylindrical glass package
through Implotec
™(1) technology.
(1) Implotec is a trademark of Philips.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
Fig.1 Simplified outline (SOD87) and symbol.
handbook, 4 columns
MAM061
ka
Marking code PRLL4001: 4001.
Marking code PRLL4002: 4002.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
PRLL4001
−
50
V
PRLL4002
−
100
V
VR
continuous reverse voltage
PRLL4001
−
50
V
PRLL4002
−
100
V
IF(AV)
average forward current
averaged over any 20 ms
period; Ttp = 105 °C
−
1.60 A
averaged over any 20 ms
period; Tamb =65 °C; see Fig.2
−
0.68 A
IFRM
repetitive peak forward current
−
10
A
IFSM
non-repetitive peak forward current
half sinewave; 60 Hz
−
20
A
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+175
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com