Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB564 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 3Page - Texas Instruments TUSB564 Datasheet HTML 4Page - Texas Instruments TUSB564 Datasheet HTML 5Page - Texas Instruments TUSB564 Datasheet HTML 6Page - Texas Instruments TUSB564 Datasheet HTML 7Page - Texas Instruments TUSB564 Datasheet HTML 8Page - Texas Instruments TUSB564 Datasheet HTML 9Page - Texas Instruments TUSB564 Datasheet HTML 10Page - Texas Instruments TUSB564 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
5.5 Electrical Characteristics
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power
PCC-
ACTIVE-
USB
Average active power in USB-only mode
while in U0
CTL1 = L; CTL0 = H; Link in U0 at 5Gbps;
340
mW
PCC-
ACTIVE-
USB-DP
Average active power in USB + 2 lane DP
mode
CTL1 = H; CTL0 = H; USB in U0 at
5Gbps; DP at 8.1Gbps;
670
mW
PCC-
ACTIVE-DP
Average active power in 4 lane DP mode
CTL1 = H; CTL0 = L; Four DP lanes at
8.1Gbps
640
mW
PCC-NC-
USB
Average power in USB mode while in
disconnect state.
CTL1 = L; CTL0 = H; No USB device
detected;
2.5
mW
PCC-U2U3
Average power in USB mode while in
U2/U3 state
CTL1 = L; CTL0 = H; Link in U2 or U3;
2.5
mW
PCC-
SHUTDOW
N
Average power in shutdown mode.
CTL1 = L; CTL0 = L; I2C_EN = "0";
0.7
mW
4-State CMOS Inputs(EQ[1:0], SSEQ[1:0], DPEQ[1:0], I2C_EN)
IIH
High-level input current
VCC = 3.6V; VIN = 3.6V
20
80
µA
IIL
Low-level input current
VCC = 3.6V; VIN = 0V
–160
–40
µA
4-Level
VTH
Threshold 0 / R
VCC = 3.3V
0.55
V
Threshold R/ Float
VCC = 3.3V
1.65
V
Threshold Float / 1
VCC = 3.3V
2.7
V
RPU
Internal pullup resistance
45
kΩ
RPD
Internal pulldown resistance
95
kΩ
2-State CMOS Input (EN, FLIP, CTL0, CTL1, HPDIN) CTL1, CTL0 and FLIP are Failsafe
VIH
High-level input voltage
2
3.6
V
VIL
Low-level input voltage
0
0.8
V
RPD
Internal pull-down resistance for FLIP,
CTL0, and EN.
500
kΩ
RPD-CTL1 Internal pull-down resistance for CTL1
375
kΩ
IIH-EN
High-level input current for EN pin
VIN = 3.6V
4
12
µA
IIL-EN
Low-level input current for EN pin
VIN = GND, VCC = 3.6V
–1
1
µA
IIH-FLIP
High-level input current for FLIP pin
VIN = 3.6V
4
12
µA
IIL-FLIP
Low-level input current for FLIP pin
VIN = GND, VCC = 3.6V
–1
1
µA
IIH-CTL0
High-level input current for CTL0 pin
VIN = 3.6V
4
12
µA
IIL-CTL0
Low-level input current for CTL0 pin
VIN = GND, VCC = 3.6V
–1
1
µA
IIH-CTL1
High-level input current for CTL1 pin
VIN = 3.6V
4
12
µA
IIL-CTL1
Low-level input current for CTL1 pin
VIN = GND, VCC = 3.6V
–1
1
µA
IIH-HPDIN High-level input current for HPD pin
VIN = 3.6V
0.5
5
µA
IIL-HPDIN
Low-level input current for HPD pin
VIN = GND, VCC = 3.6V
–1
1
µA
I2C Control Pins SCL, SDA
VIH
High-level input voltage
I2C_EN = "1" or "R" (3.3V I2C levels)
2.2
3.6
V
VIL
Low-level input voltage
I2C_EN = "1" or "R" (3.3V I2C levels)
0
0.8
V
VIH
High-level input voltage
I2C_EN = "F" (1.8V I2C levels)
1.2
3.6
V
VIL
Low-level input voltage
I2C_EN = "F" (1.8V I2C levels)
0
0.4
V
VOL
Low-level output voltage
I2C_EN ! = 0; IOL = 3mA
0
0.4
V
IOL
Low-level output current
I2C_EN ! = 0; VOL = 0.4V
20
mA
www.ti.com
TUSB564-Q1
SLLSFO9 – MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com