Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB564 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 5Page - Texas Instruments TUSB564 Datasheet HTML 6Page - Texas Instruments TUSB564 Datasheet HTML 7Page - Texas Instruments TUSB564 Datasheet HTML 8Page - Texas Instruments TUSB564 Datasheet HTML 9Page - Texas Instruments TUSB564 Datasheet HTML 10Page - Texas Instruments TUSB564 Datasheet HTML 11Page - Texas Instruments TUSB564 Datasheet HTML 12Page - Texas Instruments TUSB564 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
5.5 Electrical Characteristics (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTX-CM-
DC-
ACTIVE-
IDLE-DELTA
Absolute DC common-mode voltage
between U1 and U0
At package pin
200
mV
CTX
TX input capacitance to GND
At 2.5GHz
1.25
pF
RTX-DIFF Differential impedance of the driver
75
120
Ω
RTX-CM
Common-mode impedance of the driver
Measured with respect to AC ground over
0V to 500mV
18
30
Ω
CAC-
COUPLING
External AC coupling capacitor
75
265
nF
ITX-SHORT TX short circuit current
TX+/- shorted to GND
67
mA
RLTX-DIFF Differential return loss (SDD22)
50MHz to 1.25GHz at 90Ω; Lowest EQ
setting; FLIP = L;
–25
dB
RLTX-
DIFF-2.5G
Differential return loss (SDD22)
2.5GHz at 90Ω; Lowest EQ setting; FLIP
= L;
–12
dB
RLTX-CM Common-mode return loss (SCC22)
50MHz to 2.5GHz at 90Ω; Lowest EQ
setting; FLIP = L;
–14
dB
AC Electrical Characteristics
Crosstalk
Differential crosstalk between TX and RX
signal pairs
At 2.5GHz; FLIP = L;
–27
dB
GLF
Low-frequency voltage gain.
At 100MHz, 600mVpp VID
–0.25
0.6
1.5
dB
GLF_LFPS
_TX1/2
Low-frequency voltage gain for SSTX-
>TX1/TX2 path.
At 10MHz to 50MHz sine wave; 1.0Vpp
VID; EQ = 0; FLIP = 0 and 1;
–0.5
0.8
1.6
dB
CP1 dB-LF Low-frequency –1dB compression point
At 100MHz, 200mVpp < VID < 2000mVpp
1000
mVpp
CP1 dB-HF High-frequency –1dB compression point
At 2.5GHz, 200mVpp < VID < 2000mVpp
1000
mVpp
DJ_5G
TX output deterministic jitter
200mVpp < VID < 2000mVpp, PRBS7,
5Gbps, 10dB pre-channel and 1dB post-
channel, Optimal EQ setting
0.025
UIpp
DJ_8.1G
TX output deterministic jitter
200mVpp < VID < 2000mVpp, PRBS7,
8.1Gbps, 10dB pre-channel and 1dB
post-channel, Optimal EQ setting
0.03
UIpp
DisplayPort Receiver (TX1P/N, TX2P/N, RX1P/N, RX2P/N)
VID_PP
Peak-to-peak input differential dynamic
voltage range
2000
mV
VIC
Input common-mode voltage
0
V
CAC
External AC coupling capacitance
75
265
nF
EQDP
Receiver equalizer at maximum setting
At 4.05GHz;
13.7
dB
dR
Data rate
HBR3
8.1
Gbps
Rtx
Input termination resistance
80
100
120
Ω
DisplayPort Transmitter (DP[3:0]P/N)
VTX-
DIFFPP
VOD dynamic range
1300
mV
ITX-SHORT TX short-circuit current
TX+/- shorted to GND
67
mA
VDPTX-DC-
CM
Common-mode voltage bias in the
transmitter (DC)
1.5
2.2
V
RDPTX
Differential impedance of the driver
75
120
Ω
AUXP/N and SBU1/2
RON
Output ON resistance
VCC = 3.3V; VIN = 0V to 0.4V for AUXP;
VIN = 2.7V to 3.6V for AUXN
5
10
Ω
www.ti.com
TUSB564-Q1
SLLSFO9 – MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com