Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB564 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 8Page - Texas Instruments TUSB564 Datasheet HTML 9Page - Texas Instruments TUSB564 Datasheet HTML 10Page - Texas Instruments TUSB564 Datasheet HTML 11Page - Texas Instruments TUSB564 Datasheet HTML 12Page - Texas Instruments TUSB564 Datasheet HTML 13Page - Texas Instruments TUSB564 Datasheet HTML 14Page - Texas Instruments TUSB564 Datasheet HTML 15Page - Texas Instruments TUSB564 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
5.8 Typical Characteristics
Frequency (GHz)
0.01
0.1
1
10
20
20
-15
-10
-5
0
5
10
15
DPEQ0
DPEQ1
DPEQ2
DPEQ3
DPEQ4
DPEQ5
DPEQ6
DPEQ7
DPEQ8
DPEQ9
DPEQ10
DPEQ11
DPEQ12
DPEQ13
DPEQ14
DPEQ15
Figure 5-1. DisplayPort EQ Settings Curves at Nominal
Conditions
Frequency (GHz)
0.01
0.1
1
10
20
20
-15
-10
-5
0
5
10
15
20
DPEQ0 at -40C
DPEQ0 at 25C
DPEQ0 at 105C
DPEQ15 at -40C
DPEQ15 at 25C
DPEQ15 at 105C
Figure 5-2. DisplayPort DPEQ0 and DPEQ15 Across
Temperature
Frequency (GHz)
0.01
0.1
1
10
20
20
-15
-10
-5
0
5
10
15
EQ0
EQ1
EQ2
EQ3
EQ4
EQ5
EQ6
EQ7
EQ8
EQ9
EQ10
EQ11
EQ12
EQ13
EQ14
EQ15
Figure 5-3. USB3 RX1 EQ Settings Curves
Frequency (GHz)
0.01
0.1
1
10
20
20
-15
-10
-5
0
5
10
15
20
EQ0 at -40C
EQ0 at 25C
EQ0 at 105C
EQ15 at -40C
EQ15 at 25C
EQ15 at 105C
Figure 5-4. USB3 RX1 EQ0 and EQ15 Across Temperature
Frequency (GHz)
0.01
0.1
1
10
20
20
-15
-10
-5
0
5
10
15
SSEQ0
SSEQ1
SSEQ2
SSEQ3
SSEQ4
SSEQ5
SSEQ6
SSEQ7
SSEQ8
SSEQ9
SSEQ10
SSEQ11
SSEQ12
SSEQ13
SSEQ14
SSEQ15
Figure 5-5. USB3 SSTX EQ Settings Curves
Frequency (GHz)
0.01
0.1
1
10
20
20
-15
-10
-5
0
5
10
15
SSEQ0 at -40C
SSEQ0 at 25C
SSEQ0 at 105C
SSEQ15 at -40C
SSEQ15 at 25C
SSEQ15 at 105C
Figure 5-6. USB3 SSTX SSEQ0 and SSEQ15 Across
Temperature
0
200
400
600
800
1000
1200
1400
1600
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Differential Input Voltage (mV)
EQ0
EQ2
EQ4
EQ6
EQ7
EQ10
EQ12
EQ15
Figure 5-7. DisplayPort Linearity Curves at 4.05GHz
0
200
400
600
800
1000
1200
1400
1600
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Differential Input Voltage (mV)
EQ0
EQ2
EQ4
EQ6
EQ7
EQ10
EQ12
EQ15
Figure 5-8. USB TX (DFP) Linearity Curves at 2.5GHz
TUSB564-Q1
SLLSFO9 – MAY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com