Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSSG2308 Datasheet(PDF) 2 Page - Kingstate Electronics Corp.

Part # KSSG2308
Description  Speaker Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KSSG2308 Datasheet(HTML) 2 Page - Kingstate Electronics Corp.

  KSSG2308 Datasheet HTML 1Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 2Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 3Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 4Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 5Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP
2/6
KSSG2308
A. SCOPE 範疇
This specification applies speaker, KSSG2308
此規格書適用於喇叭 ,KSSG2308
B. SPECIFICATION 規格
No.
Item
Symbol Unit
Specification
Condition
1
Dimension
尺寸
mm
φ
23.0 x 15.0
2
Power Rating
功率
W
Rated. 0.1/ MAX. 0.15
Maximum Power:IEC-60268-5
Filter 60s On/120s Off
10 Cycles (Room TEMP.)
3
Impedance
阻抗
Ω
ohm
8 ± 15%
At 2.0KHz 1.0V
4
Resonance Frequency
低音諧振
Fo
Hz
1500 ± 20%
At 1.0V
5
Output S.P.L.
音壓位準
dB
88 ± 3dB(0.1w/10cm)
77 ± 3dB(1w/1m)
At 2.0K,2.5K,3.0K,4.0KHz
(Average figures)
6
Frequency Range
有效頻寬
Hz
Fo---6K
Output S.P.L. ±10dB
7
Distortion
失真
%
5% Max.
At 2.0KHz , 0.1W
8
Voice Coil
音圈
mm
--------
9
Magnet
磁石
mm
φ6.5 x 1.5
Rare
10
Flux Density
磁通密度
Gauss
--------
11
Operating temp.
操作溫度
℃
-20 ~ + 55
12
Buzze & Rattle
異常音
Not be audible at 0.89V sine
wave between Fo ~ 6KHz
輸入
0.89V 正弦波從 Fo 到
6KHz 之間無異常音
13
Weight
重量
g
3.2
14
Material
材質
ABS UL-94 1/16” HB
(Black)
15
Environmental Protection
Regulation
環保法規
RoHS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com