Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSSG2308 Datasheet(PDF) 6 Page - Kingstate Electronics Corp.

Part # KSSG2308
Description  Speaker Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KSSG2308 Datasheet(HTML) 6 Page - Kingstate Electronics Corp.

  KSSG2308 Datasheet HTML 1Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 2Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 3Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 4Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 5Page - Kingstate Electronics Corp. KSSG2308 Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP
6/6
KSSG2308
H. RELIABILITY TEST 信賴性試驗
No.
Item
Test conditions
Evaluation standard
1
Load test
連續負荷
0.1W white noise is applied for 24 hours, at room temp.
在室溫下,輸入功率 0.1W, 白雜音連續操作 24 小時.
Being placed for 1 hours at
+25℃, speaker shall be
measured. No obstacle to
be harmful to normal
operation; damages,
cracks, rusts, etc.
Should not be audible at
0.89V sine wave between
Fo ~ 6KHz. Fo should
meet initial one. S.P.L.
deviation of unit should be
within ±3dB.
經測試後,靜置於
+25℃
(室溫)環境中 1 小時後,測試
後無任何障礙防礙正常操
作.且在輸入
0.89V 正弦波
從
Fo 到 6KHz 之間無異常
音.
Fo 與原規格值相同,輸
出音壓變化量在
±3dB 內.
TEST CONDITION.
Standard Test Condition :
a) Temperature : +5 ~ +35℃ b) Humidity : 45-85% c) Pressure : 860-1060mbar
一般測試條件
:
a) 溫度 : +5 ~ +35℃
b) 濕度 : 45-85%
c) 氣壓 : 860-1060mbar
Judgement Test Condition
a) Temperature : +25 ± 2℃
b) Humidity : 60-70%
c) Pressure : 860-1060mbar
爭議時測試條件
:
a) 溫度 : +25 ± 2℃
b) 濕度 : 60-70%
c) 氣壓 : 860-1060mbar
I. PACKING STANDARD 包裝規格



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com